Electronic Components Datasheet Search
  English  ▼

X  

MIC3000BML Datasheet(PDF) 55 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 55 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 51Page - Micrel Semiconductor MIC3000BML Datasheet HTML 52Page - Micrel Semiconductor MIC3000BML Datasheet HTML 53Page - Micrel Semiconductor MIC3000BML Datasheet HTML 54Page - Micrel Semiconductor MIC3000BML Datasheet HTML 55Page - Micrel Semiconductor MIC3000BML Datasheet HTML 56Page - Micrel Semiconductor MIC3000BML Datasheet HTML 57Page - Micrel Semiconductor MIC3000BML Datasheet HTML 58Page - Micrel Semiconductor MIC3000BML Datasheet HTML 59Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
October 2004
55
M9999-101204
MIC3000
Micrel
Modulation DAC Setting (MODSET)
Nominal VMOD setpoint
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
6 = 06h
When A.P.C. is on, the value corresponding to the current temperature is taken from the MODLUT look-up table,
added to MODSET and loaded into the VMOD DAC. This register is non-volatile and will be maintained through power
and reset cycles. A valid OEM password is required for access to this register.
IBIAS Fault Threshold (IBFLT)
Bias current fault threshold
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
7 = 07h
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained
through power and reset cycles. A fault is generated if the bias current is higher than IBFLT value set in this register.
Transmit Power Fault Threshold (TXFLT)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
8 = 08h
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained
through power and reset cycles. A fault is generated if the Transmit power is higher than TXFLT value set in this
register.
Loss-Of-Signal Threshold (LOSFLT)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
9 = 09h
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained
through power and reset cycles. A fault is generated if the received power is lower than LOSFLT value set in this
register.
Bit
Function
Operation
D[7:0]
Receive loss-of-signal threshold
Read/write; non-volatile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com