Electronic Components Datasheet Search
  English  ▼

X  

MIC3000BML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 8Page - Micrel Semiconductor MIC3000BML Datasheet HTML 9Page - Micrel Semiconductor MIC3000BML Datasheet HTML 10Page - Micrel Semiconductor MIC3000BML Datasheet HTML 11Page - Micrel Semiconductor MIC3000BML Datasheet HTML 12Page - Micrel Semiconductor MIC3000BML Datasheet HTML 13Page - Micrel Semiconductor MIC3000BML Datasheet HTML 14Page - Micrel Semiconductor MIC3000BML Datasheet HTML 15Page - Micrel Semiconductor MIC3000BML Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
MIC3000
Micrel
M9999-101204
12
October 2004
Address Map
Address(s)
Field Size (Bytes)
Name
Description
0 - 95
96
Serial ID defined by
G-P NVRAM; R/W under valid OEM password.
SEP MSA
96 - 127
32
Vendor Specific
Vendor specific EEPROM
128 - 255
128
Reserved
Reserved for future use. G-P NVRAM; R/W under valid OEM
password.
Table 1. MIC3000 Address Map, Serial address = A0h
Address
Field Size
HEX
DEC
(Bytes)
Name
Description
00–27
0–39
40
Alarm and Warning Thresholds
High/low limits for warning and alarms; write-able using OEM p/w;
read-only otherwise.
28–37
40–55
16
Reserved
Reserved – do not write; reads undefined.
38–5B
56 –91
36
Calibration Constants
Numerical constants for external calibration; writeable using OEM
p/w; read-only otherwise.
5C–5E
92–94
3
Reserved
Reserved – do not write; reads undefined.
5F
95
1
Checksum
G-P NVRAM; writeable using OEM p/w; read-only otherwise.
60–69
96–105
10
Analog Data
Real time analog parameter data.
6A–6D
106–109
4
Reserved
Reserved for future definition of digitized analog input– do not write;
reads undefined.
6E
110
1
Control/Status bits
Control and status bits.
6F
111
1
Reserved
Reserved – do not write; reads undefined.
70–71
112–113
2
Alarm Flags
Alarm status bits; read-only.
72–73
114–115
2
Reserved
Reserved–do not write; reads undefined.
74–75
116–117
2
Warning Flags
Warning status bits; read-only.
76–77
118–119
2
Reserved
Reserved – do not write; reads undefined.
78–7B
120–123
4
OEMPW
OEM password entry field.
7C–7F
124–127
4
Vendor Specific
Vendor specific. Reserved–do not write; reads undefined.
80–F7
128–247
120
User Scratchpad
User writable EEPROM. G-P NVRAM; R/W using any valid
password.
F8–F9
248–249
2
Reserved
Reserved – do not write; reads undefined.
FA
250
1
USRPWSET
User password setting; read/write using any p/w; returns zero
otherwise.
FB
251
1
USRPW
Entry field for user password.
FC–FD
252–253
2
POH
Power-on hour meter result; read-only.
FE
254
1
Data Ready Flags
Data ready bits for each measured parameter; read-only.
FF
255
1
User Control
End-user control and status bits.
Table 2. MIC3000 Address Map, Serial Address = A2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com