Electronic Components Datasheet Search
  English  ▼

X  

NX3DV42 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3DV42
Description  Dual high-speed USB 2.0 double-pole double-throw analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV42 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3DV42 Datasheet HTML 1Page - NXP Semiconductors NX3DV42 Datasheet HTML 2Page - NXP Semiconductors NX3DV42 Datasheet HTML 3Page - NXP Semiconductors NX3DV42 Datasheet HTML 4Page - NXP Semiconductors NX3DV42 Datasheet HTML 5Page - NXP Semiconductors NX3DV42 Datasheet HTML 6Page - NXP Semiconductors NX3DV42 Datasheet HTML 7Page - NXP Semiconductors NX3DV42 Datasheet HTML 8Page - NXP Semiconductors NX3DV42 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NX3DV42
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 January 2012
2 of 16
NXP Semiconductors
NX3DV42
Dual high-speed USB 2.0 double-pole double-throw analog switch
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3DV42GM
40 C to +85 C
XQFN10U plastic extremely thin quad flat package; no leads;
10 terminals; UTLP based; body 2
 1.55  0.5 mm
SOT1049-2
NX3DV42GU
40 C to +85 C
XQFN10
plastic, extremely thin quad flat package; no leads;
10 terminals; body 1.40 x 1.80 x 0.50 mm
SOT1160-1
Table 2.
Marking
Type number
Marking code
NX3DV42GM
x4
NX3DV42GU
x4
Fig 1.
Logic symbol
aaa-001356
D-
D+
S
OE
HSD1+
HSD2+
HSD1-
HSD2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com