Electronic Components Datasheet Search
  English  ▼

X  

NX3DV42 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX3DV42
Description  Dual high-speed USB 2.0 double-pole double-throw analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV42 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX3DV42 Datasheet HTML 3Page - NXP Semiconductors NX3DV42 Datasheet HTML 4Page - NXP Semiconductors NX3DV42 Datasheet HTML 5Page - NXP Semiconductors NX3DV42 Datasheet HTML 6Page - NXP Semiconductors NX3DV42 Datasheet HTML 7Page - NXP Semiconductors NX3DV42 Datasheet HTML 8Page - NXP Semiconductors NX3DV42 Datasheet HTML 9Page - NXP Semiconductors NX3DV42 Datasheet HTML 10Page - NXP Semiconductors NX3DV42 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NX3DV42
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 January 2012
7 of 16
NXP Semiconductors
NX3DV42
Dual high-speed USB 2.0 double-pole double-throw analog switch
12.1 Waveform and test circuits
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
tsk(p) = |tPHL  tPLH|.
Fig 6.
The data input to output propagation delay times and pulse skew times
aaa-001359
tPHL
tPLH
50%
50%
input
400 mV
GND
VOH
VOL
output
Measurement points are given in Table 10.
Logic level: VOH and VOLare typical output voltage levels that occur with the output load.
Fig 7.
Enable and disable times
aaa-001361
tPHZ
switch
disabled
switch
enabled
switch
enabled
output
HIGH to OFF
OFF to HIGH
S, OE input
VOH
GND
GND
VI
tPZH
VM
VX
VX
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
VX
3.0 V to 3.6 V
0.5VCC
VCC
0.9VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com