Electronic Components Datasheet Search
  English  ▼

X  

NX3DV42 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX3DV42
Description  Dual high-speed USB 2.0 double-pole double-throw analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV42 Datasheet(HTML) 5 Page - NXP Semiconductors

  NX3DV42 Datasheet HTML 1Page - NXP Semiconductors NX3DV42 Datasheet HTML 2Page - NXP Semiconductors NX3DV42 Datasheet HTML 3Page - NXP Semiconductors NX3DV42 Datasheet HTML 4Page - NXP Semiconductors NX3DV42 Datasheet HTML 5Page - NXP Semiconductors NX3DV42 Datasheet HTML 6Page - NXP Semiconductors NX3DV42 Datasheet HTML 7Page - NXP Semiconductors NX3DV42 Datasheet HTML 8Page - NXP Semiconductors NX3DV42 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NX3DV42
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 January 2012
5 of 16
NXP Semiconductors
NX3DV42
Dual high-speed USB 2.0 double-pole double-throw analog switch
[1]
Typical values are measured at Tamb = 25 C and VCC = 3.3 V.
11.1 Test circuits
11.2 ON resistance
[1]
Typical values are measured at Tamb = 25 C.
[2]
Measured at identical VCC, temperature and input voltage.
IOFF
power-off leakage
current
VI or VO =0Vto4.3 V; VCC =0V
-
-
2
A
ICC
supply current
VI =VCC or GND; VSW = GND or
VCC; VCC =4.3 V
--
1
A
I
CC
additional supply
current
VI = 2.6 V; VSW =GND or VCC;
VCC =4.3 V
--
10
A
VI = 1.8 V; VSW =GND or VCC;
VCC =4.3 V
--
15
A
CI
input capacitance
pins S and OE
-
1.0
-
pF
CS(OFF)
OFF-state
capacitance
pins HSDn+ and HSDn
V
CC = 3.3
V; VI = 0 V to 3.3 V
-2.8
-
pF
CS(ON)
ON-state
capacitance
pins D+ and D
V
CC = 3.3 V;
VI = 0 V to 3.3 V
-7.3
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C
Unit
Min
Typ[1]
Max
VI = VCC or GND and VO = GND or VCC.
Test circuit also applies for D+, HSD1+ and HSD2+.
Fig 4.
Test circuit for measuring OFF-state leakage current
IS
aaa-001365
2
1
HSD2-
VIL or VIH
VIH
HSD1-
S
D-
switch
VI
VO
GND
OE
VCC
VIL
VIH
1
2
S
switch
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
Unit
Min
Typ[1]
Max
RON
ON resistance
VI = 0.4 V; ISW = 8 mA; see Figure 5
VCC =3.0 V
-
3.9
6.5
R
ON
ON resistance
mismatch between
channels
VI = 0.4 V; ISW =8 mA
[2]
VCC = 3.0 V
-
0.65
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com