Electronic Components Datasheet Search
  English  ▼

X  

NX3DV42 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX3DV42
Description  Dual high-speed USB 2.0 double-pole double-throw analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV42 Datasheet(HTML) 3 Page - NXP Semiconductors

  NX3DV42 Datasheet HTML 1Page - NXP Semiconductors NX3DV42 Datasheet HTML 2Page - NXP Semiconductors NX3DV42 Datasheet HTML 3Page - NXP Semiconductors NX3DV42 Datasheet HTML 4Page - NXP Semiconductors NX3DV42 Datasheet HTML 5Page - NXP Semiconductors NX3DV42 Datasheet HTML 6Page - NXP Semiconductors NX3DV42 Datasheet HTML 7Page - NXP Semiconductors NX3DV42 Datasheet HTML 8Page - NXP Semiconductors NX3DV42 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NX3DV42
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 January 2012
3 of 16
NXP Semiconductors
NX3DV42
Dual high-speed USB 2.0 double-pole double-throw analog switch
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Fig 2.
Pin configuration SOT1049-2 (XQFN10U)
Fig 3.
Pin configuration SOT1160-1 (XQFN10)
aaa-001358
HSD1+
Transparent top view
HSD2-
HSD2+
OE
D+
D-
GND
S
NX3DV42
2
3
46
7
8
9
1
NX3DV42
7 HSD2+
6 HSD2-
D+ 1
D- 2
terminal 1
index area
aaa-001357
Transparent top view
Table 3.
Pin description
Symbol
Pin
Description
SOT1049-2
SOT1160-1
HSD1
, HSD2
5, 7
4, 6
independent input or output
HSD1+, HSD2+
6, 8
5, 7
independent input or output
D+, D
2, 3
1, 2
common output or input
GND
4
3
ground (0 V)
OE
9
8
output enable input (active-LOW)
S
1
10
select input
VCC
10
9
supply voltage
Table 4.
Function table[1]
Input
Channel on
S
OE
L
L
HSD1+ and HSD1
H
L
HSD2+ and HSD2
X
H
switch off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com