Electronic Components Datasheet Search
  English  ▼

X  

NX3DV42 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NX3DV42
Description  Dual high-speed USB 2.0 double-pole double-throw analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV42 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NX3DV42 Datasheet HTML 8Page - NXP Semiconductors NX3DV42 Datasheet HTML 9Page - NXP Semiconductors NX3DV42 Datasheet HTML 10Page - NXP Semiconductors NX3DV42 Datasheet HTML 11Page - NXP Semiconductors NX3DV42 Datasheet HTML 12Page - NXP Semiconductors NX3DV42 Datasheet HTML 13Page - NXP Semiconductors NX3DV42 Datasheet HTML 14Page - NXP Semiconductors NX3DV42 Datasheet HTML 15Page - NXP Semiconductors NX3DV42 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NX3DV42
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 January 2012
12 of 16
NXP Semiconductors
NX3DV42
Dual high-speed USB 2.0 double-pole double-throw analog switch
Fig 14. Package outline SOT1160-1 (XQFN10)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1160-1
- - -
- - -
- - -
sot1160-1_po
09-12-28
09-12-29
Unit(1)
mm
max
nom
min
0.5
0.05
0.00
0.25
0.20
0.15
1.5
1.4
1.3
1.9
1.8
1.7
0.4
0.45
0.40
0.35
0.55
0.50
0.45
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
XQFN10: plastic, extremely thin quad flat package; no leads;
10 terminals; body 1.40 x 1.80 x 0.50 mm
SOT1160-1
A1
A3
0.127
bD
E
e
e1
0.8
e2
0.4
LL1
v
0.1
wy
0.05
y1
0.05
0
1
2 mm
scale
B
A
terminal 1
index area
D
E
C
y
C
y1
X
detail X
A
A1
A3
b
e1
e2
e
A
C
B
v
C
w
terminal 1
index area
L1
L
5
10
8
6
7
2
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com