Electronic Components Datasheet Search
  English  ▼

X  

NX3DV42 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NX3DV42
Description  Dual high-speed USB 2.0 double-pole double-throw analog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV42 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NX3DV42 Datasheet HTML 4Page - NXP Semiconductors NX3DV42 Datasheet HTML 5Page - NXP Semiconductors NX3DV42 Datasheet HTML 6Page - NXP Semiconductors NX3DV42 Datasheet HTML 7Page - NXP Semiconductors NX3DV42 Datasheet HTML 8Page - NXP Semiconductors NX3DV42 Datasheet HTML 9Page - NXP Semiconductors NX3DV42 Datasheet HTML 10Page - NXP Semiconductors NX3DV42 Datasheet HTML 11Page - NXP Semiconductors NX3DV42 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NX3DV42
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 3 January 2012
8 of 16
NXP Semiconductors
NX3DV42
Dual high-speed USB 2.0 double-pole double-throw analog switch
a. Test circuit.
b. Input and output measurement points
Test circuit also applies for D+, HSD1+ and HSD2+.
Fig 8.
Test circuit for measuring break-before-make timing
aaa-001364
RL
VO
S
GND
OE
D-
VCC
VI
VIL
CL
G
VEXT = 0.8 V
HSD1-
HSD2-
V
001aag572
VI
tb-m
VO
0.9VO
0.9VO
0.5VI
Test circuit also applies for D+, HSD1+ and HSD2+.
Test data is given in Table 11.
Definitions test circuit:
RT = Termination resistance (should be equal to output impedance Zo of the pulse generator).
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
VI may be connected to S or OE.
Fig 9.
Test circuit for measuring switching times
aaa-001363
RL
S
GND
OE
D-
VCC
VI
VIL
CL
G
VEXT = 0.8 V
HSD1-
HSD2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com