| Electronic Components Datasheet Search |
|
PSB7280 Datasheet(PDF) 70 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
PSB7280 Datasheet(HTML) 70 Page - Siemens Semiconductor Group |
|
70 / 190 page ![]() PSB 7280 Semiconductor Group 70 Data Sheet 1998-07-01 The following status bits are provided: The HDLC transmitter is controlled by the following bits: After up to 32 bytes have been written to the FIFO, transmission is started by issuing the XF command. The opening flag (in the case of HDLC) is generated automatically. The HDLC controller requests another data block by an XPR interrupt status if there are no more than 32 bytes in the FIFO and the frame close command bit XME has not been set. To this the software responds by writing another pool of data and issuing a transmit command XF for that data. If transmission of earlier data (or of a previous frame) is still underway when a new transmission command XF is issued, software access to the FIFO is blocked until the first transmission is completed (see Figure 28). XDOV Transmit Data Overflow Indicates that more than 32 bytes have been written into the transmit FIFO. XF Transmit Frame Initiates transmission of an entire frame, or part of one (up to 32 bytes). XME Transmit Message End Indicates that after the transmission of data from the FIFO pool, the frame is to be closed with a closing flag (and possibly a CRC checksum). XRES Transmitter Reset Resets the HDLC transmitter, clears the transmit FIFO, aborts any HDLC frame being transmitted and generates an XPR status after the command has been completed. XNEW Transmitter Restart Resets the transmitter state machine without any loss of data (i.e. FIFO data). The transmission of the current frame can be restarted with the first bit of the start flag. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |