Electronic Components Datasheet Search
  English  ▼

X  

PSB7280 Datasheet(PDF) 26 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 26 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 22Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 23Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 24Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 25Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 26Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 27Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 28Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 29Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 30Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 190 page
background image
PSB 7280
Semiconductor Group
26
Data Sheet 1998-07-01
3.1.2
Serial Audio Interface
The Serial Audio Interface is a generic 5-line serial interface with the following lines:
Figure 8 shows an example where RFS is input and TFS is output.
Figure 8
SCLK
Serial Bit Clock
Input or output.
SR
Serial Receive
Input/output.
ST
Serial Transmit
Input/output.
RFS
Receive Frame Sync
Input or output.
TFS
Transmit Frame Sync
Input or output.
SCLK
Input or output
Bits on SR/ST are clocked out with the rising edge of SCLK and latched in with
the falling edge of SCLK. Alternatively, bits can be clocked out with the falling
edge of SCLK and latched in with the rising edge. When SCLK is programmed
as output, it is derived from a programmable baud rate generator. Additionaly,
SLCK can be set to strobed operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com