Electronic Components Datasheet Search
  English  ▼

X  

PSB7280 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 9Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 10Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 11Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 12Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 13Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 14Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 15Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 16Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 190 page
background image
PSB 7280
Semiconductor Group
13
Data Sheet 1998-07-01
Table 4
System Clocks
Pin No. Symbol Function Descriptions
90
XTAL1
I
Crystal In or Clock In.
If a crystal is used, it is connected between XTAL1 and
XTAL2. If a clock signal is provided (via an external
oscillator), this signal is input via XTAL1. In this case the
XTAL2 output is to be left non-connected. The XTAL1
input has to be 50% duty cycle and must not exceed the
voltage range between
V
SSA and VDDA.
91
XTAL2
O
Crystal Out.
Left unconnected if a crystal is not used.
86
CLKO
O
Clock Out.
Output clock of frequency equal to the internal
frequency divided by a programmable factor.
Table 5
External Memory Interface (for Development Purposes only)
Pin No. Symbol Function Descriptions
75
CA0
O
C-Bus Address.
73
CA1
O
Used for addressing ROM or RAM external to the chip.
69
CA2
O
Is to be left NC if not used.
67
CA3
O
63
CA4
O
61
CA5
O
56
CA6
O
54
CA7
O
50
CA8
O
48
CA9
O
39
CA10
O
37
CA11
O
32
CA12
O
30
CA13
O
26
CA14
O
24
CA15
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com