Electronic Components Datasheet Search
  English  ▼

X  

PSB7280 Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 35Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 36Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 37Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 38Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 39Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 40Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 41Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 42Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
PSB 7280
Semiconductor Group
39
Data Sheet 1998-07-01
Interrupt from DSP to Host
For a soft interrupt from the DSP to the host, the procedure is identical. In this case, the
soft interrupt is a maskable interrupt on line INT. The interrupt vector is written by the
DSP in address 3058
H (IND). Simultaneously, the Interrupt DSP Busy bit INDB (address
58
H, writable by host) is set to ‘1’. Having recognized an IND interrupt status, the host
reads address 58
H (IND), which automatically resets the DINT interrupt status bit in the
Host Interrupt Status Register for INT (address 75
H). The INDB bit can be written by the
host again to ‘0’ to indicate that it is ready to accept a new interrupt from the DSP. The
16-bit control register located at 60/61
H (3060/3061H) may contain additional information
for the host to read after an IND interrupt.
Please refer to the specific interface
procedures for details.
Registers for Accessing the External Memory
In normal operation, the program bus of the DSP is connected via the external memory
interface to the external memory bus so that instructions are fetched from an external
memory when an address between 8000
H and FFFFH is hit, if EA=“High”. If EA=“Low”,
the whole address range is for off-chip programs.
If the bit LDMEM (see description of Configuration and Control Registers, Chapter 4) is
set to ‘1’ and bit DACC is ‘0’ (see description of Configuration and Control Registers,
Chapter 5.3), the external memory interface address and data buses are connected to
the outputs of registers address low/high (at host address 44/45
H) and data low/high (at
host address 46/47
H), respectively. This feature can be used to down-load programs into
a memory connected to the PSB 7280.
When a write access to the data high register (address 47
H) is detected, this activates
the external memory interface write signal CWR for the duration of the host WR signal
(independent of any possible wait states in NRW(3:0)). Thus the host writes one word of
data into an external memory by effecting the following write operations:
Write Address Low + High
Write Data Low
Write Data High (operation is carried out during this write cycle).
When LDMEM is ‘1’, the CPS signal is permanently active.
Note: When LDMEM is ‘0’, the CPS signal is activated when a read access - program
fetch - is performed on the external memory interface.
Registers Pertaining to the Mailbox
The function of these host registers is described in detail in the next section.
Hardware Interrupt Registers
In the following the interrupts for the host are listed, as well as, for completeness, those
for the embedded DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com