Electronic Components Datasheet Search
  English  ▼

X  

PSB7280 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 4Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 5Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 6Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 7Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 8Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 9Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 10Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 11Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 190 page
background image
PSB 7280
Semiconductor Group
8
Data Sheet 1998-07-01
Interfaces
– 4-line IOM-2/PCM interface
– 5-line serial audio interface, e.g. for connection to videocodec/H.221/223 processor
– Parallel 8-bit Host interface
– 4-line general purpose interface
– External memory interface to external SRAM with programmable waitstates (0 to 15),
for development purposes only.
Control
– Programmable via parallel host interface
– Operating parameters and mode settings via a register bank
– Access to audio channels and HDLC/serial transparent data controllers from DSP or
an external host
– Interface to external software via a full-duplex 256-byte on-chip mailbox
– H.221/H.223 oriented inband configuration/mode switching
General
– Supply voltage: 3.0 - 3.6 V
– Additional 4.5 to 5.5 V supply for connection to 5-V systems without external
components
– Ambient temperature range 0
°C to + 70 °C
– P-TQFP-100 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com