Electronic Components Datasheet Search
  English  ▼

X  

PSB7280 Datasheet(PDF) 21 Page - Siemens Semiconductor Group

Part # PSB7280
Description  Joint Audio Decoder-Encoder
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PSB7280 Datasheet(HTML) 21 Page - Siemens Semiconductor Group

Back Button PSB7280 Datasheet HTML 17Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 18Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 19Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 20Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 21Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 22Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 23Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 24Page - Siemens Semiconductor Group PSB7280 Datasheet HTML 25Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 190 page
background image
PSB 7280
Semiconductor Group
21
Data Sheet 1998-07-01
2
General Architecture and Functions
2.1
Architecture
Figure 6 shows a sketch of the PSB 7280 architecture with its most important functional
modules.
Figure 6
The audio processing of the PSB 7280 is based on a 16-bit fixed point DSP core, SPCF
(Signal Processor Core Fast).
The Clock Generator is responsible for generating the internal clocks for the SPCF. A
Baud Rate Generator provides an output clock of programmable rate.
The Parallel Host Interface is used to control the circuit through an associated host via
interrupt handshake procedures. Alternatively, the circuit can be controlled via the serial
audio
interface,
thus
enabling
standalone
applications
to
be
implemented.
Communication between the host, if used, and the DSP is interrupt supported, via a full-
duplex 256-byte on-chip Communication Memory Mailbox.
Mailbox
256 byte
IOM/
PCM
Serial
Audio
I/F
Mon, C/I
Control
DSP
Cor e
SC LK
SR
ST
RFS
TFS
DD
DU
DCL
FSC
Re se t
C A(0 :15 )
C D(0 :15)
CWR#
C RD#
CDS#
XTA L1
CL KO
C PS#
CS#
AD(0 :7)
WR#
RD#
AL E
8 K W dat a
X-RO M
INTR#
XTA L2
EA#
IN T#
SIO
2 K W dat a
X-RA M
32 KW program
ROM
Audio
HDLC 1
HDLC 2
Rec 1
Trm 1
Rec 2
Trm 2
1 K W data
Y-RA M
CM1
Tim ers
Mailbox
256 by te
1 K W data
X-RA M
Confi g/ Control
Regis ters
BRG
clock
gen/
PLL
External Memor y Interface
Parallel Host Interface
A(0 :3)
GP(0:3 )
GPIO
I/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com