Electronic Components Datasheet Search
  English  ▼

X  

CDCM9102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM9102
Description  Low-Noise Two-Channel 100-MHz Clock Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM9102 Datasheet(HTML) 1 Page - Texas Instruments

  CDCM9102 Datasheet HTML 1Page - Texas Instruments CDCM9102 Datasheet HTML 2Page - Texas Instruments CDCM9102 Datasheet HTML 3Page - Texas Instruments CDCM9102 Datasheet HTML 4Page - Texas Instruments CDCM9102 Datasheet HTML 5Page - Texas Instruments CDCM9102 Datasheet HTML 6Page - Texas Instruments CDCM9102 Datasheet HTML 7Page - Texas Instruments CDCM9102 Datasheet HTML 8Page - Texas Instruments CDCM9102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
XO
Low
Noise
Clock
Generator
CDCM9102
PCIe
100 MHz
PCIe
25 MHz
25 MHz
100 MHz
CDCM9102
www.ti.com
SCAS922
– FEBRUARY 2012
Low-Noise Two-Channel 100-MHz Clock Generator
Check for Samples: CDCM9102
1
FEATURES
2
•
Integrated Low-Noise Clock Generator
•
Output Enable Pin Shuts Off Device and
Including PLL, VCO, and Loop Filter
Outputs.
•
Two Low-Noise 100-MHz Clocks (LVPECL,
•
5-mm
× 5-mm QFN-32 Package
LVDS, or pair of LVCMOS)
•
ESD Protection Exceeds 2 kV HBM, 500 V CDM
– Support for HCSL Signaling Levels
•
Industrial Temperature Range (
–40°C to 85°C)
(AC-Coupled)
•
3.3-V Power Supply
– Typical Period Jitter: 21 ps pk-pk
– Typical Random Jitter: 510 fs
APPLICATIONS
– Output Type Set by Pins
•
Reference Clock Generation for PCI Express
Gen 1, Gen2, and Gen3
•
Bonus Single-ended 25-MHz Output
•
General-Purpose Clocking
•
Integrated Crystal Oscillator Input Accepts
25-MHz Crystal
DESCRIPTION
The CDCM9102 is a low-jitter clock generator designed to provide reference clocks for communications
standards such as PCI Express
™. The device is easy to configure and use. The CDCM9102 provides two
100-MHz differential clock ports. The output types supported for these ports include LVPECL, LVDS, or a pair of
LVCMOS buffers. HCSL signaling is supported using an ac-coupled network. The user configures the output
buffer type desired by strapping device pins. Additionally, a single-ended 25-MHz clock output port is provided.
Uses for this port include general-purpose clocking, clocking Ethernet PHYs, or providing a reference clock for
additional clock generators. All clocks generated are derived from a single external 25-MHz crystal.
Figure 1. CDCM9102 Typical Application Example
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PCI Express is a trademark of PCI-SIG .
PRODUCTION DATA information is current as of publication date.
Copyright
© 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCM9102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM9102 TI1-CDCM9102 Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102RHBR TI1-CDCM9102RHBR Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102RHBT TI1-CDCM9102RHBT Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
More results

Similar Description - CDCM9102

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
Low-Noise Two-Channel 100-MHz Clock Generator
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
Two Outputs Clock Generator
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
Microchip Technology
DSC612NI3A-010T MICROCHIP-DSC612NI3A-010T Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612PL2A-0130 MICROCHIP-DSC612PL2A-0130 Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612PL2A-0132 MICROCHIP-DSC612PL2A-0132 Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612RI3A-010G MICROCHIP-DSC612RI3A-010G Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com