Electronic Components Datasheet Search
  English  ▼

X  

CDCM9102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM9102
Description  Low-Noise Two-Channel 100-MHz Clock Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM9102 Datasheet(HTML) 3 Page - Texas Instruments

  CDCM9102 Datasheet HTML 1Page - Texas Instruments CDCM9102 Datasheet HTML 2Page - Texas Instruments CDCM9102 Datasheet HTML 3Page - Texas Instruments CDCM9102 Datasheet HTML 4Page - Texas Instruments CDCM9102 Datasheet HTML 5Page - Texas Instruments CDCM9102 Datasheet HTML 6Page - Texas Instruments CDCM9102 Datasheet HTML 7Page - Texas Instruments CDCM9102 Datasheet HTML 8Page - Texas Instruments CDCM9102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CDCM9102
www.ti.com
SCAS922
– FEBRUARY 2012
PIN FUNCTIONS
NAME
QFN32 PIN NO.
DESCRIPTION
POWER SUPPLIES
GND
Thermal pad, 14, 22
Power supply ground and thermal relief
VDD2
1
Power Supply, OUT1 clock port
VDD1
4
Power Supply, OUT0 clock port
VDD3
9
Power supply, low-noise clock generator
VDD4
16
Power supply, low-noise clock generator
VDD5
18
Power supply, low-noise clock generator
VDD6
20
Power supply, crystal oscillator input
REGCAP1
19
Capacitor for internal regulator, connect 10-
μF Y5V capacitor to GND
REGCAP2
17
Capacitor for internal regulator, connect 10-
μF Y5V capacitor to GND
DEVICE CONFIGURATION AND CONTROL
NC
8, 13, 15, 24
–32
No connection permitted
OE
7
Output enable/shutdown control input (see Table 1)
OS1
10
Output format select control inputs (see Table 2)
OS0
11
RESET
12
Device reset input (active-low) (see Table 3)(1)
CRYSTAL OSCILLATOR
XIN
21
Parallel resonant crystal input (25 MHz)
DEVICE OUTPUTS
OUT0P
6
Output 0
– positive terminal (100 MHz)
OUT0N
5
Output 0
– negative terminal (100 MHz)
OUT1P
3
Output 1
– positive terminal (100 MHz)
OUT1N
2
Output 1
– negative terminal (100 MHz)
OSCOUT
23
Oscillator output port (25 MHz)
(1)
For proper device startup, it is recommended that a capacitor be installed from pin 12 to GND. See STARTUP TIME ESTIMATION
section for more details.
ORDERING INFORMATION
TA
PACKAGED DEVICES
FEATURES
CDCM9102RHBT
32-pin QFN (RHB) package, small tape and reel
–40°C to 85°C
CDCM9102RHBR
32-pin QFN (RHB) package, tape and reel
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
TYP
MAX
UNIT
VDDx
Supply voltage range(2)
–0.5
4.6
V
VIN
Input voltage range (3)
–0.5
VDDx + 0.5
V
VOUT
Output voltage range(3)
–0.5
VDDx + 0.5
V
IIN
Input current
20
mA
IOUT
Output current
50
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Supply voltages must be applied simultaneously.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp
–current ratings are observed
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCM9102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com