Electronic Components Datasheet Search
  English  ▼

X  

CDCM9102 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM9102
Description  Low-Noise Two-Channel 100-MHz Clock Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM9102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCM9102 Datasheet HTML 9Page - Texas Instruments CDCM9102 Datasheet HTML 10Page - Texas Instruments CDCM9102 Datasheet HTML 11Page - Texas Instruments CDCM9102 Datasheet HTML 12Page - Texas Instruments CDCM9102 Datasheet HTML 13Page - Texas Instruments CDCM9102 Datasheet HTML 14Page - Texas Instruments CDCM9102 Datasheet HTML 15Page - Texas Instruments CDCM9102 Datasheet HTML 16Page - Texas Instruments CDCM9102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Analog Node
I/O Node
Ferrite Bead
0.1 µF
( 3)
´
0.1 µF
( 3)
´
10 µF
10 µF
PCB
Supply
LVPECL
LVPECL
VDDOUT
130
(2)
W
82
(2)
W
CDCM9102
www.ti.com
SCAS922
– FEBRUARY 2012
capacitors provide the very low-impedance path for high-frequency noise and guard the power supply system
against induced fluctuations. The bypass capacitors also provide a source of instantaneous current as required
by the device output stages. Therefore, bypass capacitors must have low ESR. To properly use the bypass
capacitors, they must be placed very close to the power supply pins and must be laid out with short loops to
minimize inductance.
Figure 14 shows a general recommendation for decoupling the power supply. The CDCXM9102 power supplies
fall into one of two categories: analog supplies (VDD3, VDD4, and VDD5), and input/output supplies (VDD1,
VDD2, and VDD6). Short the analog supplies together to form the analog supply node; likewise, short the
input/output supplies together to form the I/O supply node. Isolate the analog node from the PCB power supply
and I/O node by inserting a ferrite bead. This helps isolate the high-frequency switching noises generated by the
clock drivers and I/O from the sensitive analog supply node. Choosing an appropriate ferrite bead with low dc
resistance is important, as it is imperative to maintain a voltage at the power-supply pin of the CDCM9102 that is
over the minimum voltage needed for its proper operation.
Figure 14. CDCM9102 Power Supply Decoupling
– Power Pin Bypass Concept
OUTPUT TERMINATION
The CDCM9102 is a 3.3-V clock driver which has the following options for the output type: LVPECL, LVDS, and
LVCMOS.
LVPECL TERMINATION
The CDCM9102 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination is required to
ensure correct operation of the device and to optimize signal integrity. The proper termination for LVPECL is
50
Ω to (Vcc-2) V but this dc voltage is not readily available on a board. Thus a Thevenin’s equivalent circuit is
worked out for the LVPECL termination in both direct-coupled (dc) and ac-coupled cases, as shown in Figure 15
and Figure 16. It is recommended to place all resistive components close to either the driver end or the receiver
end. If the supply voltages of the driver and receiver are different, ac coupling is required.
Figure 15. LVPECL Output Termination (DC-Coupled)
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCM9102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com