Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVR
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN6501DBVR Datasheet HTML 13Page - Texas Instruments SN6501DBVR Datasheet HTML 14Page - Texas Instruments SN6501DBVR Datasheet HTML 15Page - Texas Instruments SN6501DBVR Datasheet HTML 16Page - Texas Instruments SN6501DBVR Datasheet HTML 17Page - Texas Instruments SN6501DBVR Datasheet HTML 18Page - Texas Instruments SN6501DBVR Datasheet HTML 19Page - Texas Instruments SN6501DBVR Datasheet HTML 20Page - Texas Instruments SN6501DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
0.1µF
VS
10µF
MBR0520L
MBR0520L
1:2.2
10 µF
3
1
D2
SN6501
D1
5
2
GND2 GND1
4
3.3V
IN
EN
GND
OUT
1
5
2
3
TPS76350
10µF
ISO 5 V
Vcc1
Vcc2
GND1
GND2
CANH
CANL
8
7
6
4
5
CAN0Rx
VDD
CAN0Tx
OSC0
OSC1
LDO
STELLARIS
LM3S5Y36
RXD
TXD
1
2
3
0.1µF
0.1µF
ISO1050
ISO-BARRIER
4.7nF/
2kV
SM712
10 W (opt)
(opt)
Vcc
GNDA
GND
WAKE
VDDA
VDDC
VBAT
0.1µF*
0.1µF*
18pF
18pF
6 MHz
RST
25
26
37
3
12*
40
32
4
10*
7
31
30
9*
* = multiple pins and capacitors omitted for clarity purpose
10 W
Vcc1
Vcc2
GND1
GND2
OUTA
16
14
12
2,8
9,15
P3.1
P3.0
UCA0TXD
UCA0RXD
11
15
16
12
4
XOUT
XIN
5
6
2
MSP430
F2132
INA
OUTD
1
3
5
4
6
ISO7242
DVss
DVcc
0.1µF
0.1µF
0.1µF
EN1
EN2
7
10
INB
13
11
OUTB
INC
IND
16
0.1µF
OUTC
Vcc
GND
15
T1IN
9
11
12
10
C2-
3
R1OUT
T2IN
14
13
5
7
8
VS-
6
4
2
1
R2OUT
VS+
C1+
C1-
C2+
TRS232
4.7 k
4.7 k
R1IN
T1OUT
R2IN
T2OUT
1µF
1µF
1µF
1µF
TxD
RxD
RST
CST
ISOGND
10 µF 0.1µF
MBR0520L
MBR0520L
1:2.2
0.1µF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3 V
IN
ON
GND
OUT
1
5
4
3
LP2985-50
3.3 µF
10 µF
ISO-BARRIER
VIN
5 VISO
2
BP
10 nF
SN6501
www.ti.com
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
Figure 41. Isolated CAN Interface
Figure 42. Isolated RS-232 Interface
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com