Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVR
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN6501DBVR Datasheet HTML 9Page - Texas Instruments SN6501DBVR Datasheet HTML 10Page - Texas Instruments SN6501DBVR Datasheet HTML 11Page - Texas Instruments SN6501DBVR Datasheet HTML 12Page - Texas Instruments SN6501DBVR Datasheet HTML 13Page - Texas Instruments SN6501DBVR Datasheet HTML 14Page - Texas Instruments SN6501DBVR Datasheet HTML 15Page - Texas Instruments SN6501DBVR Datasheet HTML 16Page - Texas Instruments SN6501DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Forward Voltage, V - V
F
0.2
0.3
0.4
0.5
1
0.01
0.1
T = 125°C
J
25°C
75°C
-40°C
Forward Voltage, V - V
F
0.2
0.1
0.3
0.4
0.5
1
0.01
0.1
T = 100°C
J
75°C
25°C
-25°C
0°C
SN6501
www.ti.com
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
Table 1. Required maximum LDO Input Voltages for Various Push-pull Configurations (continued)
PUSH-PULL CONVERTER
LDO
CONFIGURATION
VIN-max [V]
TURNS-RATIO
VS-max [V]
VI-max [V]
5 VIN to 5 VOUT
5.5
1.5 ± 3%
8.5
10
DIODE SELECTION
A rectifier diode should always possess low-forward voltage to provide as much voltage to the converter output
as possible. When used in high-frequency switching applications, such as the SN6501 however, the diode must
also possess a short recovery time. Schottky diodes meet both requirements and are therefore strongly
recommended in push-pull converter designs. An excellent choice for low-volt applications is the MBR0520L with
a typical forward voltage of 275 mV at 100 mA forward current. For higher output voltages such as ±10 V and
above use the MBR0530 which provides a higher DC blocking voltage of 30 V.
Figure 34. Diode Forward Characteristics for MBR0520L (left) and MBR0530 (right)
CAPACITOR SELECTION
The capacitors in the converter circuit in Figure 3 are multi-layer ceramic chip (MLCC) capacitors.
As with all high speed CMOS ICs, the SN6501 requires a bypass capacitor in the range of 10 nF to 100 nF.
The input bulk capacitor at the center-tap of the primary supports large currents into the primary during the fast
switching transients. For minimum ripple make this capacitor 10
μF to 22 μF. In a 2-layer PCB design with a
dedicated ground plane, place this capacitor close to the primary center-tap to minimize trace inductance. In a 4-
layer board design with low-inductance reference planes for ground and VIN, the capacitor can be placed at the
supply entrance of the board. To ensure low-inductance paths use two vias in parallel for each connection to a
reference plane or to the primary center-tap.
The bulk capacitor at the rectifier output smoothes the output voltage. Make this capacitor 10
μF to 22 μF.
The small capacitor at the regulator input is not necessarily required. However good analog design practice
suggests, using a small value of 47 nF to 100 nF improves the regulator’s transient response and noise rejection.
The LDO output capacitor buffers the regulated output for the subsequent isolator and transceiver circuitry. The
choice of output capacitor depends on the LDO stability requirements specified in the data sheet. However, in
most cases, a low-ESR ceramic capacitor in the range of 4.7
μF to 10 μF will satisfy these requirements.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com