Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVR
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN6501DBVR Datasheet HTML 1Page - Texas Instruments SN6501DBVR Datasheet HTML 2Page - Texas Instruments SN6501DBVR Datasheet HTML 3Page - Texas Instruments SN6501DBVR Datasheet HTML 4Page - Texas Instruments SN6501DBVR Datasheet HTML 5Page - Texas Instruments SN6501DBVR Datasheet HTML 6Page - Texas Instruments SN6501DBVR Datasheet HTML 7Page - Texas Instruments SN6501DBVR Datasheet HTML 8Page - Texas Instruments SN6501DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SN6501
www.ti.com
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUES
VCC
Supply voltage
–0.3 V to +6 V
VD1, VD2
Output switch voltage
14 V
ID1P, ID2P
Peak output switch current
500 mA
PTOT
Continuous power dissipation
250 mW
ESD
Human Body Model
ESDA/JEDEC JS-001-2012
±4 kV
Charged Device Model
JEDEC JESD22-C101E
All Pins
±1.5 kV
Machine Model
JEDEC JESD22-A115-A
±200 V
TSTG
Storage temperature range
–65°C to 150°C
TJ
Junction temperature
170°C
(1)
Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under RECOMMENDED
OPERATING CONDITIONS is not implied. Exposure to absolute-maximum-rated conditions for extended periods affects device
reliability.
THERMAL INFORMATION
SN6501
THERMAL METRIC(1)
UNITS
DBV 5-PINS
θJA
Junction-to-ambient thermal resistance
208.3
θJCtop
Junction-to-case (top) thermal resistance
87.1
θJB
Junction-to-board thermal resistance
40.4
°C/W
ψJT
Junction-to-top characterization parameter
5.2
ψJB
Junction-to-board characterization parameter
39.7
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
need space between thermal table note and ROC title
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VCC = 5 V ± 10%,
0
11
When connected to Transformer with
VD1, VD2
Output switch voltage
V
primary winding Center-tapped
VCC = 3.3 V ± 10%
0
7.2
VD1, VD2 Swing ≥ 3.8 V,
VCC = 5 V ± 10%
350
see Figure 27 for typical characteristics
D1 and D2 output switch
ID1, ID2
mA
current – Primary-side
VD1, VD2 Swing ≥ 2.5 V,
VCC = 3.3 V ± 10%
150
see Figure 26 for typical characteristics
TA
Ambient temperature
–40
125
°C
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com