Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVR
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN6501DBVR Datasheet HTML 1Page - Texas Instruments SN6501DBVR Datasheet HTML 2Page - Texas Instruments SN6501DBVR Datasheet HTML 3Page - Texas Instruments SN6501DBVR Datasheet HTML 4Page - Texas Instruments SN6501DBVR Datasheet HTML 5Page - Texas Instruments SN6501DBVR Datasheet HTML 6Page - Texas Instruments SN6501DBVR Datasheet HTML 7Page - Texas Instruments SN6501DBVR Datasheet HTML 8Page - Texas Instruments SN6501DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SN6501
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
Over full-range of recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 3.3 V ± 10%, See Figure 2
1
3
RON
Switch-on resistance
Ω
VCC = 5.0 V ± 10%, See Figure 2
0.6
2
VCC = 3.3 V ± 10%, no load
150
400
ICC
Average supply current(1)
uA
VCC = 5.0 V ± 10%, no load
300
700
fST
Startup frequency
VCC = 2.4 V, See Figure 2
300
kHz
VCC = 3.3 V ± 10%, See Figure 2
250
360
550
fOSC
Oscillator frequency
kHz
VCC = 5.0 V ± 10%, See Figure 2
300
410
620
VCC = 3.3 V ± 10%, See Figure 2
70
tr-D
D1, D2 output rise time
ns
VCC = 5.0 V ± 10%, See Figure 2
80
VCC = 3.3 V ± 10%, See Figure 2
110
tf-D
D1, D2 output fall time
ns
VCC = 5.0 V ± 10%, See Figure 2
60
VCC = 3.3 V ± 10%, See Figure 2
150
tBBM
Break-before-make time
ns
VCC = 5.0 V ± 10%, See Figure 2
50
(1)
Average supply current is the current used by SN6501 only. It does not include load current.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com