Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVR
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN6501DBVR Datasheet HTML 11Page - Texas Instruments SN6501DBVR Datasheet HTML 12Page - Texas Instruments SN6501DBVR Datasheet HTML 13Page - Texas Instruments SN6501DBVR Datasheet HTML 14Page - Texas Instruments SN6501DBVR Datasheet HTML 15Page - Texas Instruments SN6501DBVR Datasheet HTML 16Page - Texas Instruments SN6501DBVR Datasheet HTML 17Page - Texas Instruments SN6501DBVR Datasheet HTML 18Page - Texas Instruments SN6501DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
F-max
DO-max
O-max
min
IN-min
DS-max
D-max
V
+ V
+ V
n
= 1.031
V
R
I
´
-
´
min
0.2V + 0.2V + 5.175 V
n
= 1.031
= 2
3.234 V
3 Ω
150 mA
´
-
´
n
V
IN
V
OUT = 2n·VIN
n
V
IN
VOUT+ = n·VIN
VOUT- = n·VIN
n
VIN
VOUT+ = 2n·VIN
VOUT- = 2n·VIN
n
VIN
V
OUT = 4n·VIN
SN6501
www.ti.com
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
VP-min = VIN-min – VDS-max
(5)
VDS-max however, is the product of the maximum RDS(on) and ID values for a given supply specified in the SN6501
data sheet:
VDS-max = RDS-max × IDmax
(6)
Then inserting Equation 6 into Equation 5 yields:
VP-min = VIN-min - RDS-max x IDmax
(7)
and inserting Equation 7 and Equation 4 into Equation 3 provides the minimum turns ration with:
(8)
Example:
For a 3.3 VIN to 5 VOUT converter using the rectifier diode MBR0520L and the 5 V LDO TPS76350, the data
sheet values taken for a load current of 100 mA and a maximum temperature of 85°C are VF-max = 0.2 V,
VDO-max = 0.2 V, and VO-max = 5.175 V.
Then assuming that the converter input voltage is taken from a 3.3 V controller supply with a maximum ±2%
accuracy makes VIN-min = 3.234 V. Finally the maximum values for drain-source resistance and drain current at
3.3 V are taken from the SN6501 data sheet with RDS-max = 3 Ω and ID-max = 150 mA.
Inserting the values above into Equation 8 yields a minimum turns ratio of:
(9)
Most commercially available transformers for 3-to-5 V push-pull converters offer turns ratios between 2.0 and 2.3
with a common tolerance of ±3%.
HIGHER OUTPUT VOLTAGE DESIGNS
The SN6501 can drive push-pull converters that provide high output voltages of up to 30 V, or bipolar outputs of
up to ±15 V. Using commercially available center-tapped transformers, with their rather low turns ratios of 0.8 to
5, requires different rectifier topologies to achieve high output voltages. Figure 36 to Figure 39 show some of
these topologies together with their respective open-circuit output voltages.
Figure 36. Bridge Rectifier with Center-Tapped
Figure 37. Bridge Rectifier Without Center-Tapped
Secondary Enables Bipolar Outputs
Secondary Performs Voltage Doubling
Figure 38. Half-wave Rectifier Without Center-
Figure 39. Half-wave Rectifier Without Centered
tapped Secondary Performs Voltage Doubling,
Ground and Center-tapped Secondary Performs
Centered Ground provides Bipolar Outputs
Voltage Doubling Twice, Hence Quadrupling VIN
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com