Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVR
Description  Transformer Driver for Isolated Power Supplies
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN6501DBVR Datasheet HTML 4Page - Texas Instruments SN6501DBVR Datasheet HTML 5Page - Texas Instruments SN6501DBVR Datasheet HTML 6Page - Texas Instruments SN6501DBVR Datasheet HTML 7Page - Texas Instruments SN6501DBVR Datasheet HTML 8Page - Texas Instruments SN6501DBVR Datasheet HTML 9Page - Texas Instruments SN6501DBVR Datasheet HTML 10Page - Texas Instruments SN6501DBVR Datasheet HTML 11Page - Texas Instruments SN6501DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
I
- mA
LOAD
TP1
TP2
T1 = 1:2.2 (750310995 from
)
Wurth Electronics Midcom
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
out
0
10
20
30
40
50
60
70
I
- mA
LOAD
0
1
2
3
4
5
6
7
8
9
10
TP1
TP2
T1 = 1:2.2 (750310995 from
)
Wurth Electronics Midcom
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
out
-55
-35
-15
5
25
45
65
85
105
125
T - Free-Air Temperature - °C
A
320
340
360
380
400
420
440
460
V
= 5 V
CC
V
= 3.3 V
CC
-55
-35
-15
5
25
45
65
85
105
125
T - Free-Air Temperature - °C
A
0
50
100
150
200
250
300
350
400
V
= 5 V
CC
V
= 3.3 V
CC
0
50
100
150
200
I
, I
- mA
D1
D2
3
3.05
3.1
3.15
3.2
3.25
3.3
V
= 3.3 V
CC
I
, I
- mA
D1
D2
4.55
4.6
4.65
4.7
4.75
4.8
4.85
4.9
4.95
5
0
100
200
300
400
V
= 5 V
CC
SN6501
SLLSEA0C – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
TYPICAL OPERATING CHARACTERISTICS (continued)
Typical Curves in Figure 4 through Figure 23 are measured with Circuit in Figure 3 at TP1 and TP2. TA = 25°C unless
otherwise noted.
Figure 22. Output Voltage vs Load Current
Figure 23. Efficiency vs Load Current
Figure 24. Average Supply Current vs Free-Air
Figure 25. D1, D2 Oscillator Frequency vs Free-Air
Temperature
Temperature
Figure 26. D1, D2 Primary-side Output Switch Voltage
Figure 27. D1, D2 Primary-side Output Switch Voltage
Swing vs Current
Swing vs Current
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com