Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3486
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology LT3486 Datasheet HTML 10Page - Linear Technology LT3486 Datasheet HTML 11Page - Linear Technology LT3486 Datasheet HTML 12Page - Linear Technology LT3486 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT3760
9
3760fc
block DiagraM
operaTion
TheoperationoftheLT3760isbestunderstoodbyreferring
to the typical application circuit on the front page and the
Block Diagram in Figure 1. The LT3760 drives 8 strings
of LEDs by using a constant switching frequency, current
mode boost controller to generate a single output voltage
VOUT for the top (anode) of all LED strings. LED string
current is generated and controlled by connection of the
bottom LED in each string (cathode) to a current source
contained in each corresponding LED pin. Each LED pin
contains an accurate current sink to ground, program-
mable between 20mA to 100mA using a single resistor
at the ISET pin. LED channels can be paralleled to achieve
higher LED currents. For applications requiring less than
8 strings of LEDs, channels can be paralleled or disabled
(connect LED pin to VOUT before startup). For optimum
efficiency, VOUT regulates to the lowest possible voltage
allowable to maintain regulated current in each LED string.
Any OPEN LED fault is indicated by the FAULT pin driven
low without effecting the operation of the connected LED
strings.
The Block Diagram in Figure 1 illustrates the key functions
of the LT3760. It can be seen that two external supplies,
VREF and INTVCC, are generated by the LT3760. The VREF
pinprovidesaprecision1.485Voutputforusewithexternal
resistors to program the CTRL, OVPSET and TSET input
pins. The INTVCC pin provides a regulated 7V output to
supply the gate driver for the boost controller GATE pin.
An accurate 1.476V threshold on the SHDN/UVLO pin
combinedwithaSHDN/UVLOpincurrenthysteresisallows
a programmable resistor divider from VIN to SHDN/UVLO
Figure 1. LT3760 Block Diagram
3760 BD
+
+
+
–
CHANNEL X
OVERVOLTAGE
AMP
LED AMP
6V
1.1V
+
–
+
–
+
–
LED
LOGIC
R
S
Q
+
–
INTVCC_UV
VIN_UV
VIN
SHDN_UV
SHDN/UVLO
PWM
VREF
CTRL
1V
SS
R
56R
600k
15
14
13
1.476V
1.485V
SLOPE
100mV
OVER
CURRENT
52mV
PEAK
CURRENT
HICCUP__MODE
VC
EN
PWM
EN
EN
7V(REGULATED)
UVLO(
+) = 3.8V, UVLO(−) = 3.4V
4.2V(
+)
3.7V(
−)
+
–
REF
1.485V
27
1
2
4
26
24
VPTAT
+
–
EN
GATE
SYNC
RT
SENSE
VOUT
LEDx
6 TO 9, 20 TO 23
FAULT
SOFT
START
3
16
18
11
OSC
12
25
17
28
LED CURRENT
CONTROL
INTVCC
OVPSET
VC
ISET
TSET
GND
PGND (10, 19, EXPOSED PAD (29))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com