Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3486
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 4 Page - Linear Technology

  LT3486 Datasheet HTML 1Page - Linear Technology LT3486 Datasheet HTML 2Page - Linear Technology LT3486 Datasheet HTML 3Page - Linear Technology LT3486 Datasheet HTML 4Page - Linear Technology LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT3760
4
3760fc
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Gain (LED)
45
V/V
VC Source Current (Out of Pin)
VC = 1.5V, VLEDx = 0.8V, OVPSET = 1.5V
10
µA
VC Sink Current (OVP)
VC = 1.5V, VLEDx = 0.8V, OVPSET = 0V
15
µA
VC Sink Current (LED)
VC = 1.5V, VLEDx = 1.2V, OVPSET = 1.5V
9
µA
VC Output High (clamp) (VCOH)
2.3
V
VC Output Low (clamp) (VCOL)
0.8
V
VC Switching Threshold (VCSW)
1.1
V
SENSE AMP
SENSE Input Current (Out of Pin)
65
µA
SENSE Current Limit Threshold
l
44
52
60
mV
Current Mode Gain
∆V(VC)/∆V(SENSE)
6
V/V
SENSE Over Current Limit Threshold
l
90
100
110
mV
LED CURRENT / CONTROL
ISET Pin Voltage
CTRL = 1.5V
1.00
V
LEDx Current (40mA) (RISET = 14.7k)
VLEDx = 1V, CTRL = 1.5V
38.3
40.1
41.9
mA
LEDx Current Matching (40mA) (RISET = 14.7k)
VLEDx = 1V, CTRL = 1.5V
l
±0.7
±2
%
LEDx Current (100mA) (RISET = 5.76k)
VLEDx = 1V, CTRL = 1.5V
95.5
100.7
105.9
mA
LED Pin Regulation Voltage
1.1
V
TSET Threshold
630
mV
ANALOG DIMMING
CTRL Input Current (Out of Pin)
CTRL = 1V
CTRL = 0.04V
40
50
200
200
nA
nA
LEDx Current (Dimming 25:1)
VLEDx = 1V, CTRL = 0.04V
1.6
mA
PWM DIMMING
PWM Input Low Threshold
0.7
1
V
PWM Input High Threshold
1.1
1.4
V
PWM Input Current
PWM = 1.5V
PWM = 6V
6
24
µA
µA
VOUT Pin Current in PWM Mode V(VOUT) = 60V
PWM = 1.5V, VLEDx = 1V
PWM = 0V, VLEDx = 1V
370
20
µA
µA
LEDx Leakage Current
(PWM = 0V)
VLEDx = 1V, VOUT = 12V
VLEDx = 50V, VOUT = 60V
0.1
0.1
1
2
µA
µA
FAULT DIAGNOSTICS
FAULT Output Sink Current
LED1 = Open, VFAULT = 0.3V
0.3
0.6
mA
LEDx Short Threshold (VSH)
(VOUT – VLEDx)
VOUT = 12V
VOUT = 60V
6
6
V
LED Open Detection Threshold
VOUT = 12V
0.5
V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 6V, RISET = 14.7k unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com