Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3486
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3486 Datasheet HTML 15Page - Linear Technology LT3486 Datasheet HTML 16Page - Linear Technology LT3486 Datasheet HTML 17Page - Linear Technology LT3486 Datasheet HTML 18Page - Linear Technology LT3486 Datasheet HTML 19Page - Linear Technology LT3486 Datasheet HTML 20Page - Linear Technology LT3486 Datasheet HTML 21Page - Linear Technology LT3486 Datasheet HTML 22Page - Linear Technology LT3486 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT3760
19
3760fc
applicaTions inForMaTion
userscanlogontowww.murata.com/designlibanddown-
load the software followed by instructions for creating an
output voltage ‘VOUT’ (LT3760 CTRL pin voltage) from a
specified VCC supply (LT3760 VREF pin voltage). At any
time during selection of circuit parameters the user can
access data on the chosen NTC resistor by clicking on
the link to the Murata catalog. For a detailed example of
hand calculations using an NTC type resistor divider to
program CTRL pin voltage, read the LT3478 LED driver
data sheet section Programming LED Current Derating vs
Temperature under Applications Information.
Using the TSET Pin for Thermal Protection
The LT3760 contains a special programmable thermal
regulationloopthatlimitstheinternaljunctiontemperature
of the part. Since the LT3760 topology consists of a single
boost controller with eight linear current sources, any LED
string voltage mismatch will cause additional power to be
dissipatedinthepackage.Thistopologyprovidesexcellent
current matching between LED strings and allows a single
power stage to drive a large number of LEDs, but at the
price of additional power dissipation inside the part (which
means a higher junction temperature). Being able to limit
the maximum junction temperature allows the benefits of
this topology to be fully realized. This thermal regulation
featureprovidesimportantprotectionathighambienttem-
peratures, and allows a given application to be optimized
for typical, not worst-case, ambient temperatures with
the assurance that the LT3760 will automatically protect
itself and the LED strings under worst-case conditions.
The operation of the thermal loop is simple. As the ambi-
ent temperature increases, so does the internal junction
temperature of the part. Once the programmed maximum
junction temperature is reached, the LT3760 begins to
linearly reduce the LED current, as needed, to try and
maintain this temperature. This can only be achieved
when the ambient temperature stays below the desired
maximum junction temperature. If the ambient tempera-
ture continues to rise past the programmed maximum
junction temperature, the LEDs current will be reduced
to approximately 5% of the full LED current.
WhilethisfeatureisintendedtodirectlyprotecttheLT3760,
it can also be used to derate the LED current at high tem-
peratures. Since there is a direct relationship between the
LED temperature and LT3760 junction temperature, the
TSET function also provides some LED current derating
at high temperatures.
Two external resistors program the maximum IC junction
temperature using a resistor divider from the VREF pin,
as shown in Figure 9. Choose the ratio of R1 and R2 for
the desired junction temperature. Figure 10 shows the
relationship of TSET voltage to junction temperature, and
Table 8 shows commonly used values for R1 and R2.
Figure 9. Programming the TSET Pin
3760 F09
LT3760
VREF
TSET
R2
R1
3
2
Figure 10. Programing the TSET Pin Threshold
JUNCTION TEMPERATURE (°C)
0
500
600
700
800
50
100
125
25
75
150
950
550
650
750
850
900
3760 F10
VPTAT
Table 8. Resistor Values to Program Maximum IC Junction
Temperature (VREF (Typical) = 1.485V)
TJ (°C)
R1 (kΩ)
R2 (kΩ)
TSET (V)
100
24.9
20
0.824
115
28.0
20
0.866
130
30.9
20
0.902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com