Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3486
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 5 Page - Linear Technology

  LT3486 Datasheet HTML 1Page - Linear Technology LT3486 Datasheet HTML 2Page - Linear Technology LT3486 Datasheet HTML 3Page - Linear Technology LT3486 Datasheet HTML 4Page - Linear Technology LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT3760
5
3760fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3760E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the
-40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GATE DRIVER
GATE Driver Output Rise Time
VIN = 12V, CL = 3300pF (Note 4)
30
nS
GATE Driver Output Fall Time
VIN = 12V, CL = 3300pF (Note 4)
30
nS
GATE Output Low
IGATE= 0µA
0.1
V
GATE Output High
INTVCC = VIN = 7V
IGATE = 0µA
6.95
V
OUTPUT VOLTAGE
VOUT Over Voltage Protection (OVP) Regulation Voltage
OVPSET = 0.22V
OVPSET = 1V
12.5
57
V
V
OVPSET Input Current (Out of Pin)
OVPSET = 0.22V, VOUT =12V
40
200
nA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT = 6V, RISET =14.7k unless otherwise noted.
Typical perForMance characTerisTics
LED Current
vs Junction Temperature
LED Current
vs CTRL Pin Voltage
LT3760I is guaranteed to meet performance specifications from
-40°C to 125°C junction temperature.
Note 3: For Maximum Operating Ambient Temperature, see
Thermal Calculations in the Applications Information section.
Note 4: GATE rise and fall times are measured between 10% and 90%
of INTVCC voltage.
Note 5: See Duty Cycle Considerations in the Applications Information.
TA = 25°C, unless otherwise noted.
JUNCTION TEMERATURE (°C)
–50 –25
0.8
0.4
0.0
–0.4
–0.8
100
0
25
3760 G01
125
50
75
RISET = 14.7k (I(LED) = 40mA)
Worst-Case Channels LED
Current Matching
(Normalized to 8-Channel Average)
JUNCTION TEMERATURE (°C)
–50
42
40
41
39
38
75
25
3760 G02
125
50
0
100
–25
RISET = 14.7k
CTRL (V)
0.00
110
20
10
100
80
60
40
90
70
50
30
0
0.75
1.25
1.00
3760 G03
1.50
0.50
0.25
RISET =
5.76k
7.32k
9.76k
14.7k
29.4k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com