Electronic Components Datasheet Search
  English  ▼

X  

LT3486 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3486
Description  8-Channel 횞 100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3486 Datasheet HTML 24Page - Linear Technology LT3486 Datasheet HTML 25Page - Linear Technology LT3486 Datasheet HTML 26Page - Linear Technology LT3486 Datasheet HTML 27Page - Linear Technology LT3486 Datasheet HTML 28Page - Linear Technology LT3486 Datasheet HTML 29Page - Linear Technology LT3486 Datasheet HTML 30Page - Linear Technology LT3486 Datasheet HTML 31Page - Linear Technology LT3486 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LT3760
28
3760fc
Typical applicaTions
LT3760
GATE
L1
15µH
D1
M1
0.02
VOUT
SENSE
LED1
LED2
LED7
LED8
LED5
LED6
LED3
LED4
CTRL
SYNC
GND
PWM
VREF
OVPSET
TSET
RT ISET
VC
VIN
VIN
10V TO 28V
4.7µF
10V
4.7µF
50V
100k
INTVCC
1M
•
•
•
•
•
•
•
•
•
•
•
•
20.5k
30.9k
20k
20k
60.4k
7.32k
10k
820pF
200pF
3760 TA09
FAULT
SHDN/UVLO
L1: SUMIDA CDRH8D38
M1: VISHAY SILICONIX Si7308DN
M2: VISHAY SILICONIX Si2309DS
M3: VISHAY SILICONIX Si2312DS
Q1: MMBTA42
D1: DIODES, INC. DFLS160
VIN
PWM DIMMING
ANALOG DIMMING
UP TO 45V OF LEDs PER STRING
1.5k
M2
Q1
5V/0V
ON/OFF
1k
PGND
M3
2.2µF
100V
×5
SHDN
10k
140k
14W LED Driver, 700kHz Boost, 4 Strings, 80mA Per String (For Machine Vision Systems with Very Long Off-Times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com