Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3829
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 1 Page - Linear Technology

  LTC3829 Datasheet HTML 1Page - Linear Technology LTC3829 Datasheet HTML 2Page - Linear Technology LTC3829 Datasheet HTML 3Page - Linear Technology LTC3829 Datasheet HTML 4Page - Linear Technology LTC3829 Datasheet HTML 5Page - Linear Technology LTC3829 Datasheet HTML 6Page - Linear Technology LTC3829 Datasheet HTML 7Page - Linear Technology LTC3829 Datasheet HTML 8Page - Linear Technology LTC3829 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
LTC3838
1
3838fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual, Fast, Accurate Step-
Down DC/DC Controller with
Differential Output Sensing
TheLTC®3838isadual,PolyPhase®synchronousstep-down
DC/DC switching regulator controller. Two independent
channelsdriveallN-channelpowerMOSFETs.Thecontrolled
on-time, valley current mode control architecture allows for
fast transient response and constant frequency switching
in steady-state operation, independent of VIN, VOUT and
load current. Its load-release transient detection feature
significantly reduces overshoot at low output voltages.
Differential output voltage sensing, along with a preci-
sion internal reference, offers an accurate ±0.67% output
regulation on Channel 1, even if the remote output ground
deviates from local ground by ±500mV. The second channel
can either provide an independent ±1% output, or together
with the first channel of this controller, serve as one of the
PolyPhase channels for a single-output voltage.
The switching frequency can be programmed from 200kHz
to2MHzwithanexternalresistor,andcanbesynchronizedto
an external clock. Very low tON and tOFF times allow for near
0% and near 100% duty cycles, respectively. Voltage track-
ing soft start-up and multiple safety features are provided.
1.2V/1.5V, 15A, 350kHz, DCR Sense, Step-Down Converter (Refer to Figure 16 for Full Design)
APPLICATIONS
n Wide VIN Range: 4.5V to 38V, VOUT: 0.6V to 5.5V
n ±0.67% Output Voltage Accuracy Over Temperature,
Differential Output Voltage Sensing, Allowing Up to
±500mV Line Loss at Remote Ground on Channel 1
n ±1% Output on the Independent 2nd Channel
n Controlled On-Time, Valley Current Mode Control
n Fast Load Transient Response
n Detect Transient (DTR) Reduces VOUT Overshoot
n Frequency Programmable from 200kHz to 2MHz,
Synchronizable to External Clock
n tON(MIN) = 30ns, tOFF(MIN) = 90ns
n RSENSE or Inductor DCR Current Sensing
n Overvoltage Protection and Current Limit Foldback
n Power Good Output Voltage Monitor
n Output Voltage Tracking and Adjustable Soft Start-Up
n Thermally Enhanced 38-Pin (5mm
× 7mm) QFN and
TSSOP packages
n Distributed Power Systems
n Point-of-Load Converters
n Computing Systems
n Data Communication Systems
L, LT, LTC, LTM, PolyPhase, OPTI-LOOP, Linear Technology and the Linear logo are registered
trademarks and Hot Swap, No RSENSE and UltraFast are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by U.S.
Patents, including 5481178, 5847554, 6580258, 6304066, 6476589, 6774611.
115k
SENSE1–
SENSE1+
SENSE2–
SENSE2+
VIN
BOOST1
DRVCC1
TG1
BG1
PGND
BG2
DRVCC2
VOUTSENSE1+
VOUTSENSE1–
TRACK/SS1
ITH1
VFB2
TRACK/SS2
ITH2
4.7μF
VOUT2
1.5V
15A
VIN
4.5V TO 38V
VOUT1
1.2V
15A
0.1μF
0.1μF
330μF
2
330μF
2
10k
10k
15k
10k
0.56μH
0.56μH
3838 TA01a
RT
SGND
SW1
BOOST2
LTC3838
TG2
INTVCC
SW2
+
+
Efficiency/Power Loss
LOAD CURRENT (A)
0.1
40
80
90
100
1
EFFICIENCY
10
3838 F16b
70
60
50
0
1.5
2.0
2.5
1.0
0.5
VIN = 12V
VOUT = 1.2V
FORCED CONTINUOUS MODE
DISCONTINUOUS MODE
POWER
LOSS


Similar Part No. - LTC3829

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829 Datasheet
349Kb / 30P
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3829 LINER-LTC3829 Datasheet
398Kb / 32P
2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3829 LINER-LTC3829 Datasheet
696Kb / 50P
Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3829 LINER-LTC3829 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
More results

Similar Description - LTC3829

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-2 LINER-LTC3838-2_15 Datasheet
5Mb / 56P
Dual, Fast, Accurate Step-Down DC/DC Controller with xternal Reference Voltage and Dual Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com