Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3829
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 25Page - Linear Technology LTC3829 Datasheet HTML 26Page - Linear Technology LTC3829 Datasheet HTML 27Page - Linear Technology LTC3829 Datasheet HTML 28Page - Linear Technology LTC3829 Datasheet HTML 29Page - Linear Technology LTC3829 Datasheet HTML 30Page - Linear Technology LTC3829 Datasheet HTML 31Page - Linear Technology LTC3829 Datasheet HTML 32Page - Linear Technology LTC3829 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
LTC3838
29
3838fa
Figure 8. Setup for VIN ≤ 5.3V
DRVCC2
LTC3838
DRVCC1
CDRVCC
RDRVCC
3838 F08
VIN
CIN
APPLICATIONS INFORMATION
For applications where the main input power never exceeds
5.3V, tie the DRVCC1 and DRVCC2 pins to the VIN input
through a small resistor, (such as 1Ω to 2Ω) as shown
in Figure 8 to minimize the voltage drop caused by the
gate charge current. This will override the LDO and will
prevent DRVCC from dropping too low due to the dropout
voltage. Make sure the DRVCC voltage exceeds the RDS(ON)
test voltage for the external MOSFET which is typically at
4.5V for logic-level devices.
Generally for VIN>6V,aUVLOcanbesetthroughmonitoring
the VIN supply by using external voltage dividers at the RUN
pins from VIN to SGND. To design the voltage divider, note
that both RUN pins have two levels of threshold voltages.
The precision gate-drive-enable threshold voltage of 1.2V
can be used to set a VIN to turn on a channel’s switching.
If resistor dividers are used on both RUN pins, when VIN
is low enough and both RUN pins are pulled below the
~0.8V threshold, the part will shut down all bias of INTVCC
and DRVCC and be put in micropower shutdown mode.
The RUN pins’ bias currents depend on the RUN voltages.
The bias current changes should be taken into account
when designing the external voltage divider UVLO circuit.
An internal proportional-to-absolute-temperature (PTAT)
pull-up current source (~1.2μA at 25°C) is constantly con-
nected to this pin. When a RUN pin rises above 1.2V, the
corresponding channel’s TG and BG drives are turned on
and an additional 5μA temperature-independent pull-up
current is connected internally to the RUN pin. Pulling the
RUN pin to fall below 1.2V by more than an 80mV hyster-
esis turns off TG and BG of the corresponding channel,
and the additional 5μA pull-up current is disconnected.
As voltage on a RUN pin increases, typically beyond 3V,
its bias current will start to reverse direction and flow into
the RUN pin. Keep in mind that neither of the RUN pins
can sink more than 50μA; Even if a RUN pin may slightly
exceed 6V when sinking 50μA, a RUN pin should never
be forced to higher than 6V by a low impedance voltage
source to prevent faulty conditions.
Soft-Start and Tracking
The LTC3838 has the ability to either soft-start by itself
with a capacitor or track the output of another channel or
an external supply. Note that the soft-start and tracking
features are achieved not by limiting the maximum output
current of the controller, but by controlling the output ramp
voltage according to the ramp rate on the TRACK/SS pin.
Input Undervoltage Lockout (UVLO)
The LTC3838 has two functions that help protect the con-
troller in case of input undervoltage conditions. An internal
UVLO comparator constantly monitors the INTVCC and
DRVCC voltages to ensure that adequate voltages are pres-
ent. The comparator enables internal UVLO signal, which
locks out the switching action of both channels, until the
INTVCC and DRVCC1,2 pins are all above their respective
UVLO thresholds. The rising threshold (to release UVLO)
of the INTVCC is typically 4.2V, with 0.5V falling hysteresis
(to re-enable UVLO). The UVLO thresholds for DRVCC1,2are
lower than that of INTVCC but higher than typical threshold
voltages of power MOSFETs, to prevent them from turning
on without sufficient gate drive voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com