Electronic Components Datasheet Search
  English  ▼

X  

LTC3829 Datasheet(PDF) 47 Page - Linear Technology

Part # LTC3829
Description  Dual, Fast, Accurate Step-Down DC/DC Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 47 Page - Linear Technology

Back Button LTC3829 Datasheet HTML 43Page - Linear Technology LTC3829 Datasheet HTML 44Page - Linear Technology LTC3829 Datasheet HTML 45Page - Linear Technology LTC3829 Datasheet HTML 46Page - Linear Technology LTC3829 Datasheet HTML 47Page - Linear Technology LTC3829 Datasheet HTML 48Page - Linear Technology LTC3829 Datasheet HTML 49Page - Linear Technology LTC3829 Datasheet HTML 50Page - Linear Technology LTC3829 Datasheet HTML 51Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
LTC3838
47
3838fa
TYPICAL APPLICATIONS
Figure 17. 6V to 26V Input, 1.2V/15A and 1.5V/15A Dual Output, 350kHz, RSENSE, Step-Down Converter
100k
3838 F17
1nF
0.1μF
L2
0.47μH
COUT4
100μF
2
COUT3
330μF
2
DB2
MT2
MB2
+
LTC3838
2.2Ω
2.2Ω
10k
22pF
22pF
220pF
220pF
39.2k
39.2k
100k
115k
10k
10k
60.4k
60.4k
VIN
1μF
1nF
4.7μF
0.1μF
0.01μF
0.01μF
L1
0.47μH
RS1
0.002Ω
RS2
0.002Ω
COUT2
330μF
2
COUT1
100μF
2
VOUT1
1.2V
12A
VOUT2
1.5V
12A
VIN
6V TO 26V
10k
15k
10k
SENSE1–
SENSE1+
BOOST1
TG1
SW1
SENSE2+
BOOST2
TG2
SW2
DRVCC1
INTVCC
DRVCC2
EXTVCC
DB1
SENSE2–
BG1
BG2
VFB2
PGND
VOUTSENSE1
+
VOUTSENSE1
–
PGOOD1
PGOOD2
TRACK/SS1
ITH1
DTR1
VRNG1
TRACK/SS2
ITH2
DTR2
PHASMD
MODE/PLLIN
CLKOUT
RUN2
VRNG2
SGND
RUN1
RT
PGOOD1
PGOOD2
MB1
MT1
1μF
CIN2
10μF
3
+
CIN1
220μF
+
100Ω
100Ω
100Ω
100Ω
CIN1: PANASONIC EEEFK1V221P
CIN2: TAIYO YUDEN GMK325BJ106MN-T
COUT1, COUT4: MURATA GRM31CR60J107ME39L
COUT2, COUT3: SANYO 2R5TPE330M9
DB1, DB2: CENTRAL SEMI CMDSH-4ETR
L1, L2: WÜRTH 7443330047
MT1, MT2: RENESAS RJK0305DPB
MB1, MB2: RENESAS RJK0330DPB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com