Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 7 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 3Page - Linear Technology LT1640AL Datasheet HTML 4Page - Linear Technology LT1640AL Datasheet HTML 5Page - Linear Technology LT1640AL Datasheet HTML 6Page - Linear Technology LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology LT1640AL Datasheet HTML 10Page - Linear Technology LT1640AL Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
7
425212fd
TYPICAL PERFORMANCE CHARACTERISTICS
OV Threshold vs Temperature
ISENSE vs Temperature
ISENSE vs (VSENSE – VEE)
TIMER Threshold
vs Temperature
ITMR (Initial Cycle, Sourcing)
vs Temperature
ITMR (Initial Cycle, Sinking)
vs Temperature
VGATEH vs Temperature
VGATEL vs Temperature
UV Threshold vs Temperature
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G31
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
VGATEH = VIN – VGATE,
IIN = 2mA
(MS ONLY)
TEMPERATURE (°C)
–55
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–15
25
45
125
425212 G14
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
GATE THRESHOLD
BEFORE RAMP-UP
TEMPERATURE (°C)
–55
3.375
3.275
3.175
3.075
2.975
2.875
2.775
–15
25
45
125
425212 G15
–35
5
65
85 105
VUVH
VUV
VUVL
TEMPERATURE (°C)
–55
6.45
6.25
6.05
5.85
5.65
5.45
5.25
5.05
4.85
–15
25
45
125
425212 G16
–35
5
65
85 105
VOVH
VOVL
VOV
TEMPERATURE (°C)
–55
–10
–12
–14
–16
–18
–20
–22
–24
–26
–28
–30
–15
25
45
125
425212 G17
–35
5
65
85 105
UV/0V = 4V
TIMER = 0V
GATE = HIGH
VSENSE – VEE = 50mV
(VSENSE – VEE) (V)
–1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
0.01
0.1
1.0
10
100
1000
425212 G18
UV/0V = 4V
TIMER = 0V
GATE = HIGH
TA = 25°C
TEMPERATURE (°C)
–55
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–15
25
45
125
425212 G19
–35
5
65
85 105
VTMRH
VTMRL
TEMPERATURE (°C)
–55
10
9
8
7
6
5
4
3
2
1
0
–15
25
45
125
425212 G20
–35
5
65
85 105
TIMER = 2V
TEMPERATURE (°C)
–55
50
45
40
35
30
25
20
15
10
–15
25
45
125
425212 G21
–35
5
65
85 105
TIMER = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com