Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 15 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 11Page - Linear Technology LT1640AL Datasheet HTML 12Page - Linear Technology LT1640AL Datasheet HTML 13Page - Linear Technology LT1640AL Datasheet HTML 14Page - Linear Technology LT1640AL Datasheet HTML 15Page - Linear Technology LT1640AL Datasheet HTML 16Page - Linear Technology LT1640AL Datasheet HTML 17Page - Linear Technology LT1640AL Datasheet HTML 18Page - Linear Technology LT1640AL Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
15
425212fd
APPLICATIONS INFORMATION
and R2 = 32.4k gives a typical operating range of 43.2V
to 82.5V. The undervoltage shutdown and overvoltage
recovery thresholds are then 39.2V and 74.4V. 1% divider
resistors are recommended to preserve threshold accuracy.
The R1-R2 divider values shown in the Typical Application
set a standing current of slightly more than 100μA and
define an impedance at UV/OV of 30kΩ. In most applica-
tions, 30kΩ impedance coupled with 300mV UV hysteresis
makes the LTC4252 insensitive to noise. If more noise
immunity is desired, add a 1nF to 10nF filter capacitor
from UV/OV to VEE.
Separate UV and OV pins are available in the 10-pin MS
package and can be used for a different operating range
such as 35.5V to 76V as shown in Figure 3. Other combi-
nations are possible with different resistor arrangements.
UV/OV COMPARATORS (LTC4252A)
A UV hysteretic comparator detects undervoltage condi-
tions at the UV pin, with the following thresholds:
UV low-to-high (VUV) = 3.08V
UV high-to-low (VUV – VUVHST) = 2.756V
An OV hysteretic comparator detects overvoltage condi-
tions at the OV pin, with the following thresholds:
OV low-to-high (VOV) = 5.09V
OV high-to-low (VOV – VOVHST) = 4.988V
The UV and OV trip point ratio is designed to match the
standard telecom operating range of 43V to 71V when
connected together as in Figure 2. A divider (R1, R2) is
used to scale the supply voltage. Using R1 = 390k and R2
= 30.1k gives a typical operating range of 43V to 71V. The
undervoltage shutdown and overvoltage recovery thresh-
olds are then 38.5V and 69.6V respectively. 1% divider
resistors are recommended to preserve threshold accuracy.
The R1-R2 divider values shown in Figure 2 set a standing
currentofslightlymorethan100μAanddefineanimpedance
at UV/OV of 28kΩ. In most applications, 28kΩ impedance
coupled with 324mV UV hysteresis makes the LTC4252A
insensitive to noise. If more noise immunity is desired, add
a 1nF to 10nF filter capacitor from UV/OV to VEE.
The UV and OV pins can be used for a wider operat-
ing range such as 35.5V to 76V as shown in Figure 4.
Other combinations are possible with different resistor
arrangements.
UV/OV OPERATION
A low input to the UV comparator will reset the chip and pull
the GATE and TIMER pins low. A low-to-high UV transition
will initiate an initial timing sequence if the other interlock
425212 F04
–48RTN
UV
OV
VEE
VIN
SENSE
SS
TIMER
GATE
PWRGD
DRAIN
LTC4252A-1
R1
464k
1%
R3
34k
1%
R2
10k
1%
CT
0.68μF
CSS
68nF
CC
10nF
–48V
RS
0.02Ω
Q1
IRF530S
RC
10Ω
R5
2.2k
Q2
RIN
10k
1/2W
1
9
8
10
3
2
7
6
4
5
C2
10nF
CIN
1μF
CL
100μF
–48RTN
(SHORT PIN)
+
RD 1M
LOAD
EN
R4
22k
*
* M0C207
Q2: MMBT5551LT1
**DIODES, INC
†
RECOMMENDED FOR HARSH ENVIRONMENTS
DIN
†
DDZ13B**
Figure 4. – 48V/2.5A Application with Wider Input Operating Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com