Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 36 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 36 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 28Page - Linear Technology LT1640AL Datasheet HTML 29Page - Linear Technology LT1640AL Datasheet HTML 30Page - Linear Technology LT1640AL Datasheet HTML 31Page - Linear Technology LT1640AL Datasheet HTML 32Page - Linear Technology LT1640AL Datasheet HTML 33Page - Linear Technology LT1640AL Datasheet HTML 34Page - Linear Technology LT1640AL Datasheet HTML 35Page - Linear Technology LT1640AL Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
36
425212fd
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2001
LT 0312 REV D • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1640AH/LT1640AL
Negative High Voltage Hot Swap Controllers in SO-8
Negative High Voltage Supplies from –10V to – 80V
LT1641-1/LT1641-2
Positive High Voltage Hot Swap Controllers in SO-8
Supplies from 9V to 80V, Latched Off/Autoretry
LTC1642
Fault Protected Hot Swap Controller
3V to 16.5V, Overvoltage Protection up to 33V
LTC4214
Negative Voltage Hot Swap Controller
Operates from –6V to –16V
LTC4220
Dual Supply Hot Swap Controller
±2.2V to ±16.5V Operation
LT4250
– 48V Hot Swap Controller in SO-8
Active Current Limiting, Supplies from –20V to –80V
LTC4251/LTC4251-1
–48V Hot Swap Controllers in SOT-23
Fast Active Current Limiting, Supplies from –15V
LTC4253
–48V Hot Swap Controller with Sequencer
Fast Current Limiting with Three Sequenced Power Good Outputs,
Supplies from –15V
425212 F24
–48RTN
UV/OV
VEE
VIN
SENSE
SS
TIMER
GATE
DRAIN
LTC4252-1
R1
402k
1%
R2
32.4k
1%
CT
150nF
PUSH
RESET
CSS
27nF
CC
22nF
–48V
RS
0.01Ω
Q1
IRF540S
VOUT
RC
10Ω
RIN
2
× 5.1k IN SERIES
1/4W EACH
1
7
8
2
6
5
3
4
C1
10nF
CIN
1μF
CL
100μF
–48RTN
(SHORT PIN)
+
RD
1M
R3
22Ω
LOAD
**DIODES, INC
†RECOMMENDED FOR HARSH ENVIRONMENTS
DIN
†
DDZ13B**
Figure 24. – 48V/5A Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com