Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology LTC4264 Datasheet HTML 10Page - Linear Technology LTC4264 Datasheet HTML 11Page - Linear Technology LTC4264 Datasheet HTML 12Page - Linear Technology LTC4264 Datasheet HTML 13Page - Linear Technology LTC4264 Datasheet HTML 14Page - Linear Technology LTC4264 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LTC4278
11
4278fc
Information section for details. This pin is used for the
UVLO function of the switching regulator. The PD interface
section has an internal UVLO.
SENSE–, SENSE+ (Pins 19, 20): Current Sense Inputs.
These pins are used to measure primary-side switch cur-
rent through an external sense resistor. Peak primary-side
current is used in the converter control loop. Make Kelvin
connections to the sense resistor RSENSE to reduce noise
problems.SENSE–connectstotheGNDside.Atmaximum
current (VCMP at its maximum voltage) SENSE pins have
100mV threshold. The signal is blanked (ignored) during
the minimum turn-on time.
CCMP (Pin 21): Load Compensation Capacitive Control.
Connect a capacitor from CCMP to GND in order to reduce
the effects of parasitic resistances in the feedback sensing
path. A 0.1µF ceramic capacitor suffices for most applica-
tions. Short this pin to GND when load compensation is
not needed.
RCMP (Pin 22): Load Compensation Resistive Control.
Connect a resistor from RCMP to GND in order to com-
pensate for parasitic resistances in the feedback sensing
path. In less demanding applications, this resistor is not
needed and this pin can be left open. See the Applications
Information section for details.
PIN FUNCTIONS
PGDLY (Pin 23): Primary Gate Delay Control. Connect an
external programming resistor (RPGDLY) to set delay from
synchronous gate turn-off to primary gate turn-on. See
the Applications Information section for details.
PG (Pin 24): Primary Gate Drive. PG is the gate drive pin
for the primary-side MOSFET switch. Large dynamic cur-
rents flow during voltage transitions. See the Applications
Information section for details.
VNEG (Pins 26, 27): System Negative Rail. Connects VNEG
to VPORTN through an internal power MOSFET. Pin 26 and
Pin 27 must be electrically tied together at the package.
PWRGD (Pin 29): Power Good Output, Open-Collector.
High impedance signals power-up completion. PWRGD
is referenced to VNEG and features a 14V clamp.
PWRGD (Pin 30): Complementary Power Good Output,
Open-Drain.Lowimpedancesignalspower-upcompletion.
PWRGD is referenced to VPORTN.
VPORTP (Pin 32): Positive Power Input. Tie to the input
port power through the input diode bridge.
Exposed Pad (Pin 33): Ground. This is the negative rail
connection for both signal ground and gate driver grounds
of the flyback controller. This pin should be connected to
VNEG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com