Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology LTC4264 Datasheet HTML 10Page - Linear Technology LTC4264 Datasheet HTML 11Page - Linear Technology LTC4264 Datasheet HTML 12Page - Linear Technology LTC4264 Datasheet HTML 13Page - Linear Technology LTC4264 Datasheet HTML 14Page - Linear Technology LTC4264 Datasheet HTML 15Page - Linear Technology LTC4264 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
LTC4278
12
4278fc
BLOCK DIAGRAM
19
SENSE–
20
SENSE+
CCMP
3V
TO FB
PGATE
SGATE
CURRENT
SENSE AMP
RCMPF
50k
LOAD
COMPENSATION
–
+
–
+
–
+
UVLO
0.8V
DISABLE
IUVLO
18
OSC
15
tON
11
PGDLY
23
ENDLY
NC
12
SYNC
13
1.237V
REFERENCE
(VFB)
INTERNAL
REGULATOR
UVLO
3V
COLLAPSE DETECT
ERROR AMP
CLAMPS
0.7
1.3
+
–
S
R
Q
Q
1V
16
FB
17
VCMP
14
SFST
TSD
CURRENT TRIP
SLOPE COMPENSATION
CURRENT
COMPARATOR
OVERCURRENT
FAULT
LOGIC
BLOCK
–
+
21
RCMP
GATE DRIVE
22
PG
24
SG
9
GND
(EXPOSED PAD)
33
OSCILLATOR
SET
ENABLE
GATE DRIVE
BOLD LINE INDICATES
HIGH CURRENT PATH
14V
32
T2P
2
RCLASS
3
NC
4
SHDN
PWRGD
VPORTP
31
NC
1
30
PWRGD
29
25
NC
28
VNEG
VNEG
26
CONTROL
CIRCUITS
CLASSIFICATION
CURRENT LOAD
1.237V
–
+
16k
25k
7
VPORTN
NC
8 NC
10
VCC
6
27
4278 BD
VPORTN
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com