Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 27Page - Linear Technology LTC4264 Datasheet HTML 28Page - Linear Technology LTC4264 Datasheet HTML 29Page - Linear Technology LTC4264 Datasheet HTML 30Page - Linear Technology LTC4264 Datasheet HTML 31Page - Linear Technology LTC4264 Datasheet HTML 32Page - Linear Technology LTC4264 Datasheet HTML 33Page - Linear Technology LTC4264 Datasheet HTML 34Page - Linear Technology LTC4264 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
LTC4278
31
4278fc
between the primary-side switch and secondary-side syn-
chronous switch(es) and the subsequent current spike in
thetransformer.Thisspikewillcauseadditionalcomponent
stress and a loss in regulator efficiency.
The primary gate delay resistor is set with the following
equation:
RPGDLY kW
( )=
tPGDLY ns
( )+47
9.01
A good starting point is 15k.
Soft-Start Function
The LTC4278 contains an optional soft-start function that
is enabled by connecting an external capacitor between
the SFST pin and ground. Internal circuitry prevents the
control voltage at the VCMP pin from exceeding that on
the SFST pin. There is an initial pull-up circuit to quickly
bring the SFST voltage to approximately 0.8V. From there it
chargestoapproximately2.8Vwitha20µAcurrentsource.
The SFST node is discharged to 0.8V when a fault occurs.
A fault occurs when the current sense voltage is greater
than 200mV or the IC’s thermal (overtemperature) shut-
down is tripped. When SFST discharges, the VCMP node
voltage is also pulled low to below the minimum current
voltage. Once discharged and the fault removed, the
SFST charges up again. In this manner, switch currents
are reduced and the stresses in the converter are reduced
during fault conditions.
The time it takes to fully charge soft-start is:
tss =
CSFST •1.4V
20
µA
=70kW •CSFST µF
( )
Switcher’s UVLO Pin Function
The UVLO pin provides a user programming undervoltage
lockout. This is typically used to provide undervoltage
lockout based on VIN. The gate drivers are disabled when
UVLO is below the 1.24V UVLO threshold. An external
resistive divider between the input supply and ground is
used to set the turn-on voltage.
The bias current on this pin depends on the pin volt-
age and UVLO state. The change provides the user with
adjustable UVLO hysteresis. When the pin rises above
the UVLO threshold a small current is sourced out of the
pin, increasing the voltage on the pin. As the pin voltage
drops below this threshold, the current is stopped, further
dropping the voltage on UVLO. In this manner, hysteresis
is produced.
Referring to Figure 13, the voltage hysteresis at VIN is
equal to the change in bias current times RA. The design
procedure is to select the desired VIN referred voltage
hysteresis, VUVHYS. Then:
RA =
VUVHYS
IUVLO
where:
IUVLO = IUVLOL – IUVLOH is approximately 3.4µA
RB is then selected with the desired turn-on voltage:
RB =
RA
VIN(ON)
VUVLO
– 1
APPLICATIONS INFORMATION
VIN
RA
LTC4278
(13a) UV Turning On
UVLO
IUVLO
RB
VIN
RA
LTC4278
(13b) UV Turning Off
(13c) UV Filtering
UVLO
UVLO
RB
VIN
RA2
RA1
CUVLO
RB
4278 F13
IUVLO
Figure 13. UVLO Pin Function and Recommended Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com