Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 42 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 34Page - Linear Technology LTC4264 Datasheet HTML 35Page - Linear Technology LTC4264 Datasheet HTML 36Page - Linear Technology LTC4264 Datasheet HTML 37Page - Linear Technology LTC4264 Datasheet HTML 38Page - Linear Technology LTC4264 Datasheet HTML 39Page - Linear Technology LTC4264 Datasheet HTML 40Page - Linear Technology LTC4264 Datasheet HTML 41Page - Linear Technology LTC4264 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
LTC4278
42
4278fc
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 l FAX: (408) 434-0507 l www.linear.com
LINEAR TECHNOLOGY CORPORATION 2009
LT 0412 REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT®1952
Single Switch Synchronous Forward Counter
Synchronous Controller, Programmable Volt-Sec Clamp, Low Start Current
LTC3803-3
Current Mode Flyback DC/DC Controller in ThinSOTTM
300kHz Constant-Frequency, Adjustable Slope Compensation, Optimized
for High Input Voltage Applications
LTC3805
Adjustable Frequency Current Mode Flyback Controller Slope Comp, Overcurrent Protect, Internal/External Clock
LTC3825
Isolated No-Opto Synchronous Flyback Controller with
Wide Input Supply Range
Adjustable Switching Frequency, Programmable Undervoltage Lockout,
Accurate Regulation without Trim, Synchronous for High Efficiency
LTC4257-1
IEEE 802.3af PD Interface Controller
100V 400mA Internal Switch, Programmable Classification, Dual
Current Limit
LTC4258
Quad IEEE 802.3af Power over Ethernet Controller
DC Disconnect Only, IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I2C Control
LTC4259A-1
Quad IEEE 802.3af Power over Ethernet Controller
AC or DC Disconnect, IEEE-Compliant PD Detection and Classification,
Autonomous Operation
LTC4263
Single IEEE 802.3af Power over Ethernet Controller
AC or DC Disconnect, IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I2C Control
LTC4263-1
High Power Single PSE Controller
Internal Switch, Autonomous Operation, 30W
LTC4264
High Power PD Interface Controller with 750mA
Current Limit
750mA Internal Switch, Programmable Classification Current to 75mA,
Precision Dual Current Limit with Disable.
LTC4265
IEEE 802.3at High Power PD Interface Controller with
2-Event Classification
2-Event Classification Recognition, 100mA Inrush Current, Single-Class
Programming Resistor, Full Compliance to 802.3at
LTC4266
IEEE 802.3at Quad PSE Controller
Supports IEEE 802.3at Type 1 and Type 2 PDs, 0.34Ω Channel Resistance,
Advanced Power Management, High Reliability 4-Point PD Detection,
Legacy Capacitance Detect
LTC4267-1
IEEE 802.3af PD Interface with an Integrated
Switching Regulator
100V 400mA Internal Switch, Programmable Classification, 200kHz
Constant-Frequency PWM, Optimized for IEEE-Compliant PD System
LTC4267-3
IEEE 802.3af PD Interface with an Integrated
Switching Regulator
100V 400mA Internal Switch, Programmable Classification, 300kHz
Constant-Frequency PWM, Optimized for IEEE-Compliant PD System
LTC4269-1
IEEE 802.3af/IEEE 802.3at PD with Synchronous
No-Opto Flyback Controller
2-Event Classification Recognition, 92% Power Supply Efficiency, Flexible
Aux Support, Superior EMI
LTC4269-2
IEEE 802.3af/IEEE 802.3at PD with Synchronous
Forward Controller
2-Event Classification Recognition, 94% Power Supply Efficiency, Flexible
Aux Support, Superior EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com