Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 32Page - Linear Technology LTC4264 Datasheet HTML 33Page - Linear Technology LTC4264 Datasheet HTML 34Page - Linear Technology LTC4264 Datasheet HTML 35Page - Linear Technology LTC4264 Datasheet HTML 36Page - Linear Technology LTC4264 Datasheet HTML 37Page - Linear Technology LTC4264 Datasheet HTML 38Page - Linear Technology LTC4264 Datasheet HTML 39Page - Linear Technology LTC4264 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
LTC4278
36
4278fc
APPLICATIONS INFORMATION
Capacitor Selection
In a flyback converter, the input and output current flows
in pulses, placing severe demands on the input and output
filter capacitors. The input and output filter capacitors are
selected based on RMS current ratings and ripple voltage.
Select an input capacitor with a ripple current rating
greater than:
IRMS(PRI) =
PIN
VIN(MIN)
1– DCMAX
DCMAX
Continuing the example:
IRMS(PRI) =
29.5W
41V
1– 49.4%
49.4%
= 0.728A
Keep input capacitor series resistance (ESR) and
inductance (ESL) small, as they affect electromagnetic
interferencesuppression.Insomeinstances,highESRcan
alsoproducestabilityproblemsbecauseflybackconverters
exhibit a negative input resistance characteristic. Refer to
Application Note 19 for more information.
The output capacitor is sized to handle the ripple current
and to ensure acceptable output voltage ripple. The output
capacitor should have an RMS current rating greater than:
IRMS(SEC) =IOUT
DCMAX
1– DCMAX
Continuing the example:
IRMS(SEC) = 5.3A
49.4%
1– 49.4%
= 5.24A
This is calculated for each output in a multiple winding
application.
ESRandESLalongwithbulkcapacitancedirectlyaffectthe
output voltage ripple. The waveforms for a typical flyback
converter are illustrated in Figure 17.
The maximum acceptable ripple voltage (expressed as a
percentage of the output voltage) is used to establish a
starting point for the capacitor values. For the purpose of
simplicity, we will choose 2% for the maximum output
OUTPUT VOLTAGE
RIPPLE WAVEFORM
SECONDARY
CURRENT
PRIMARY
CURRENT
IPRI
∆VCOUT
4278 F17
RINGING
DUE TO ESL
IPRI
N
∆VESR
Figure 17. Typical Flyback Converter Waveforms
ripple, divided equally between the ESR step and the
charging/discharging
ΔV. This percentage ripple changes,
depending on the requirements of the application. You can
modify the following equations.
For a 1% contribution to the total ripple voltage, the ESR
of the output capacitor is determined by:
ESRCOUT ≤1%•
VOUT • 1–DCMAX
(
)
IOUT
The other 1% is due to the bulk C component, so use:
COUT ≥
IOUT
1% • VOUT • fOSC
In many applications, the output capacitor is created from
multiple capacitors to achieve desired voltage ripple,
reliability and cost goals. For example, a low ESR ceramic
capacitor can minimize the ESR step, while an electrolytic
capacitor satisfies the required bulk C.
Continuing our example, the output capacitor needs:
ESRCOUT ≤1%•
5V • 1– 49.4%
(
)
5.3A
= 4mΩ
COUT ≥
5.3A
1% • 5 • 200kHz
= 600µF
These electrical characteristics require paralleling several
low ESR capacitors possibly of mixed type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com