Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4264
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 18Page - Linear Technology LTC4264 Datasheet HTML 19Page - Linear Technology LTC4264 Datasheet HTML 20Page - Linear Technology LTC4264 Datasheet HTML 21Page - Linear Technology LTC4264 Datasheet HTML 22Page - Linear Technology LTC4264 Datasheet HTML 23Page - Linear Technology LTC4264 Datasheet HTML 24Page - Linear Technology LTC4264 Datasheet HTML 25Page - Linear Technology LTC4264 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
LTC4278
22
4278fc
compensation circuitry. The logic block also contains
circuitry to control the special dynamic requirements of
flyback control. For more information on the basics of
current mode switcher/controllers and isolated flyback
converters see Application Note 19.
Feedback Amplifier—Pseudo DC Theory
For the following discussion, refer to the simplified
Switching Regulator Feedback Amplifier diagram (Figure
10A).Whentheprimary-sideMOSFETswitchMPturnsoff,
itsdrainvoltagerisesabovetheVPORTPrail.Flybackoccurs
when the primary MOSFET is off and the synchronous
secondary MOSFET is on. During flyback the voltage on
nondriventransformerpinsisdeterminedbythesecondary
voltage. The amplitude of this flyback pulse, as seen on
the third winding, is given as:
VFLBK =
VOUT + ISEC • ESR + RDS(ON)
(
)
NSF
RDS(ON) = on-resistance of the synchronous MOSFET MS
ISEC = transformer secondary current
ESR = impedance of secondary circuit capacitor, winding
and traces
NSF = transformer effective secondary-to-flyback winding
turns ratio (i.e., NS/NFLBK)
The flyback voltage is scaled by an external resistive
divider R1/R2 and presented at the FB pin. The feedback
amplifier compares the voltage to the internal bandgap
reference.Thefeedbackampisactuallyatransconductance
amplifier whose output is connected to VCMP only during
a period in the flyback time. An external capacitor on
the VCMP pin integrates the net feedback amp current to
provide the control voltage to set the current mode trip
point. The regulation voltage at the FB pin is nearly equal
to the bandgap reference VFB because of the high gain in
the overall loop. The relationship between VFLBK and VFB
is expressed as:
VFLBK =
R1
+R2
R2
• VFB
APPLICATIONS INFORMATION
Combining this with the previous VFLBK expression yields
an expression for VOUT in terms of the internal reference,
programming resistors and secondary resistances:
VOUT =
R1+R2
R2
• VFB •NSF
−ISEC • ESR+RDS(ON)
(
)
The effect of nonzero secondary output impedance is
discussed in further detail (see Load Compensation
Theory).Thepracticalaspectsofapplyingthisequationfor
VOUT are found in subsequent sections of the Applications
Information.
Feedback Amplifier Dynamic Theory
So far, this has been a pseudo-DC treatment of flyback
feedback amplifier operation. But the flyback signal is a
pulse, not a DC level. Provision is made to turn on the
flyback amplifier only when the flyback pulse is present,
using the enable signal as shown in the timing diagram
(Figure 10b).
Minimum Output Switch On Time (tON(MIN))
The LTC4278 affects output voltage regulation via flyback
pulse action. If the output switch is not turned on, there
is no flyback pulse and output voltage information is
not available. This causes irregular loop response and
start-up/latchup problems. The solution is to require the
primary switch to be on for an absolute minimum time per
each oscillator cycle. To accomplish this the current limit
feedbackisblankedeachcyclefortON(MIN).Iftheoutputload
is less than that developed under these conditions, forced
continuous operation normally occurs. See subsequent
discussions in the Applications Information section for
further details.
Enable Delay Time (ENDLY)
The flyback pulse appears when the primary-side switch
shutsoff.However,ittakesafinitetimeuntilthetransformer
primary-side voltage waveform represents the output
voltage. This is partly due to rise time on the primary-
side MOSFET drain node, but, more importantly, is due



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com