Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 5 Page - Analog Devices

  AD7997 Datasheet HTML 1Page - Analog Devices AD7997 Datasheet HTML 2Page - Analog Devices AD7997 Datasheet HTML 3Page - Analog Devices AD7997 Datasheet HTML 4Page - Analog Devices AD7997 Datasheet HTML 5Page - Analog Devices AD7997 Datasheet HTML 6Page - Analog Devices AD7997 Datasheet HTML 7Page - Analog Devices AD7997 Datasheet HTML 8Page - Analog Devices AD7997 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7992
Rev. 0 | Page 5 of 28
I2C TIMING SPECIFICATIONS
Guaranteed by initial characterization. All values measured with the input filtering enabled. CB refers to the capacitive load on the bus
line. tr and tf measured between 0.3 VDD and 0.7 VDD.
High speed mode timing specifications apply to the AD7992-1 only. Standard and fast mode timing specifications apply to both the
AD7992-0 and the AD7992-1. See Figure 2. Unless otherwise noted, VDD = 2.7 V to 5.5 V; REFIN = 2.5 V to VDD; TA =TMIN to TMAX.
Table 3.
Limit at TMIN, TMAX
Parameter
Conditions
Min
Max
Unit
Description
fSCL
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
High speed mode
CB = 100 pF max
3.4
MHz
CB = 400 pF max
1.7
MHz
t1
Standard mode
4
µs
tHIGH, SCL high time
Fast mode
0.6
µs
High speed mode
CB = 100 pF max
60
ns
CB = 400 pF max
120
ns
t2
Standard mode
4.7
µs
tLOW, SCL low time
Fast mode
1.3
µs
High speed mode
CB = 100 pF max
160
ns
CB = 400 pF max
320
ns
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
High speed mode
10
ns
t41
Standard mode
0
3.45
µs
tHD;DAT, data hold time
Fast mode
0
0.9
µs
High Speed mode
CB = 100 pF max
0
702
ns
CB = 400 pF max
0
150
ns
t5
Standard mode
4.7
µs
tSU;STA, setup time for a repeated START condition
Fast mode
0.6
µs
High Speed mode
160
ns
t6
Standard mode
4
µs
tHD;STA, hold time for a repeated START condition
Fast mode
0.6
µs
High speed mode
160
ns
t7
Standard mode
4.7
µs
tBUF, bus free time between a STOP and a START condition
Fast mode
1.3
µs
t8
Standard mode
4
µs
tSU;STO, setup time for STOP condition
Fast mode
0.6
µs
High speed mode
160
ns
t9
Standard mode
1000
ns
tRDA, rise time of SDA signal
Fast mode
20 + 0.1 CB
300
ns
High speed mode
CB = 100 pF max
10
80
ns
CB = 400 pF max
20
160
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com