Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7997 Datasheet HTML 14Page - Analog Devices AD7997 Datasheet HTML 15Page - Analog Devices AD7997 Datasheet HTML 16Page - Analog Devices AD7997 Datasheet HTML 17Page - Analog Devices AD7997 Datasheet HTML 18Page - Analog Devices AD7997 Datasheet HTML 19Page - Analog Devices AD7997 Datasheet HTML 20Page - Analog Devices AD7997 Datasheet HTML 21Page - Analog Devices AD7997 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7992
Rev. 0 | Page 18 of 28
CONVERSION RESULT REGISTER
The conversion result register is a 16-bit, read-only register that
stores the conversion result from the ADC in straight binary
format. A 2-byte read is needed to read data from this register.
Table 12 shows the contents of the first byte to be read from the
AD7992, and Table 13 shows the contents of the second byte.
Table 12. Conversion Value Register (First Read)
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
Zero
Zero
CHID0
MSB
B10
B9
B8
Table 13. Conversion Value Register (Second Read)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
The AD7992 conversion result consists of an Alert_Flag bit, two
leading zeros, a channel identifier bit, and the 12-bit data result.
The Alert_Flag bit indicates whether the conversion result
being read or any other channel result has violated the limit
registers associated with it. If an ALERT occurs, the master may
wish to read the ALERT status register to obtain more informa-
tion on where the ALERT occurred if the Alert_Flag bit is set.
The Alert_Flag bit is followed by two leading zeros and a
channel identifier bit that indicate to which channel the con-
version result corresponds. When this bit is 0, the conversion
result corresponds to VIN1, and when it is 1, the conversion
result corresponds to VIN2. These, in turn, are followed by the
12-bit conversion result, MSB first.
LIMIT REGISTERS
The AD7992 has two pairs of limit registers. Each pair stores
high and low conversion limits for both analog input channels.
Each pair of limit registers has one associated hysteresis register.
All 6 registers are 16 bits wide; only the 12 LSBs of the registers
are used. On power-up, the contents of the DATAHIGH register
for each channel are full scale, while the contents of the
DATALOW registers are zero scale by default.
The limit registers can be used to monitor the conversion
results on one or both channels. The AD7992 signals an
ALERT (in either hardware or software or both, depending
on the configuration) if the result moves outside the upper or
lower limit set by the user.
DATAHIGH Register CH1/CH2
The DATAHIGH register for a channel is a 16-bit, read/write
register; only the 12 LSBs of each register are used. This register
stores the upper limit that activates the ALERT output and/or
the Alert_Flag bit in the conversion result register. If the value
in the conversion result register is greater than the value in the
DATAHIGH register, an ALERT occurs. When the conversion
result returns to a value at least N LSB below the DATAHIGH
register value, the ALERT output pin and Alert_Flag bit are
reset. The value of N is taken from the 12-bit hysteresis register
associated with that channel. The ALERT pin can also be reset
by writing to Bits D2 and D1 in the configuration register.
Table 14. AD7992 DATAHIGH Register (First Read/Write)
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
B11
B10
B9
B8
Table 15. AD7992 DATAHIGH Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
DATALOW Register CH1/CH2
The DATALOW register for each channel is a 16-bit read/write
register; only the 12 LSB of each register are used. The register
stores the lower limit that activates the ALERT output and/or
the Alert_Flag bit in the conversion result register. If the value
in the conversion result register is less than the value in the
DATALOW register, an ALERT occurs. When the conversion
result returns to a value at least N LSB above the DATALOW
register value, the ALERT output pin and Alert_Flag bit are
reset. The value of N is taken from the hysteresis register
associated with that channel. The ALERT output pin can also be
reset by writing to Bits D2 and D1 in the configuration register.
Table 16. DATALOW Register (First Read/Write)
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
B11
B10
B9
B8
Table 17. DATALOW Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
Hysteresis Register (CH1/CH2)
Each hysteresis register is a 16-bit read/write register; only
the 12 LSBs of the register are used. The hysteresis register
stores the hysteresis value, N, when using the limit registers.
Each pair of limit registers has a dedicated hysteresis register.
The hysteresis value determines the reset point for the ALERT
pin/Alert_Flag if a violation of the limits has occurred. For
example, if a hysteresis value of 8 LSB is required on the
upper and lower limits of Channel 1, the 16 bit word,
0000 0000 0000 1000, should be written to the hysteresis
register of CH1 (see Table 8 for the address of this register).
On power-up, the hysteresis registers contain a value of 8 LSB.
If a different hysteresis value is required, that value must be
written to the hysteresis register for the channel in question.
Table 18. Hysteresis Register (First Read/Write)
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
B11
B10
B9
B8
Table 19. Hysteresis Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com