Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7997 Datasheet HTML 19Page - Analog Devices AD7997 Datasheet HTML 20Page - Analog Devices AD7997 Datasheet HTML 21Page - Analog Devices AD7997 Datasheet HTML 22Page - Analog Devices AD7997 Datasheet HTML 23Page - Analog Devices AD7997 Datasheet HTML 24Page - Analog Devices AD7997 Datasheet HTML 25Page - Analog Devices AD7997 Datasheet HTML 26Page - Analog Devices AD7997 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7992
Rev. 0 | Page 23 of 28
READING DATA FROM THE AD7992
Reading data from the AD7992 is a 1- or 2-byte operation.
Reading back the contents of the alert status register, the config-
uration register, or the cycle timer register is a single-byte read
operation, as shown in Figure 28. This assumes the particular
register address has previously been set up by a single-byte write
operation to the address pointer register (see Figure 25). Once
the register address has been set up, any number of reads can
be performed from that particular register without having to
write to the address pointer register again. If a read from a
different register is required, the relevant register address has
to be written to the address pointer register, and again any
number of reads from this register may then be performed.
Reading data from the conversion result register, DATAHIGH
registers, DATALOW registers, or hysteresis registers is a 2-byte
operation, as shown in Figure 29. The same rules apply for a
2-byte read as a 1-byte read.
When reading data back from a register, such as the conversion
result register, if more than two read bytes are supplied, the
same or new data is read from the AD7992 without the need to
re-address the device. This allows the master to continuously
read from a data register without having to re-address the
AD7992.
SDA
11
99
D7
D6
D5
D2
D1
D0
R/W
A0
A1
A2
A3
0
1
SCL
D4
D3
0
START BY
MASTER
ACK. BY
AD7992
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
SINGLE DATA BYTE FROM AD7992
Figure 28. Reading a Single Byte of Data from a Selected Register
SDA
11
9
9
ALERT-
FLAG
ZERO
D10
D9
D8
A0
A1
A2
A3
0
0
SCL
1
D11
1
D7
D6
D5
D2
D1/0
D0/0
D4
D3
SCL (CONTINUED)
SDA (CONTINUED)
ZERO CHID
R/W
9
START BY
MASTER
ACK. BY
AD7992
NO ACK. BY
MASTER
ACK. BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM
AD7992
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM
AD7992
Figure 29. Reading Two Bytes of Data from the Conversion Result Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com