Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7997 Datasheet HTML 7Page - Analog Devices AD7997 Datasheet HTML 8Page - Analog Devices AD7997 Datasheet HTML 9Page - Analog Devices AD7997 Datasheet HTML 10Page - Analog Devices AD7997 Datasheet HTML 11Page - Analog Devices AD7997 Datasheet HTML 12Page - Analog Devices AD7997 Datasheet HTML 13Page - Analog Devices AD7997 Datasheet HTML 14Page - Analog Devices AD7997 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7992
Rev. 0 | Page 11 of 28
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
Figure 10. Typical INL, VDD = 2.7 V, Reference = 2.5 V, Mode1,
3.4 MHz fSCL , 121 kSPS
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
Figure 11. Typical DNL, VDD = 2.7 V, Reference = 2.5 V, Mode 1,
3.4 MHz fSCL, 121 kSPS
REFERENCE VOLTAGE (V)
–1.0
–0.8
-0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
POSITIVE INL
NEGATIVE INL
Figure 12. Change in INL vs. Reference Voltage, VDD = 5 V, Mode 1, 121 kSPS
REFERENCE VOLTAGE (V)
–1.0
–0.8
-0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
POSITIVE DNL
NEGATIVE DNL
Figure 13. Change in DNL vs. Reference Voltage, VDD = 5 V, Mode 1, 121 kSPS
SUPPLY VOLTAGE (V)
0
0.0001
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
2.7
3.2
3.7
4.2
4.7
5.2
+25
°C
+85
°C
–40
°C
Figure 14. Shutdown Current vs. Supply Voltage, –40°C, +25°C, and +85°C
SCL FREQUENCY (kHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
600
1100
1600
2100
2600
3100
MODE 1
VDD = 5V
MODE 1
VDD = 3V
MODE 2
VDD = 5V
MODE 2
VDD = 3V
Figure 15. Average Supply Current vs. I2C Bus Rate for VDD = 3 V and 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com