Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7997 Datasheet HTML 8Page - Analog Devices AD7997 Datasheet HTML 9Page - Analog Devices AD7997 Datasheet HTML 10Page - Analog Devices AD7997 Datasheet HTML 11Page - Analog Devices AD7997 Datasheet HTML 12Page - Analog Devices AD7997 Datasheet HTML 13Page - Analog Devices AD7997 Datasheet HTML 14Page - Analog Devices AD7997 Datasheet HTML 15Page - Analog Devices AD7997 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7992
Rev. 0 | Page 12 of 28
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
1.200 2.048 2.500 2.700 3.000 3.300 4.096 4.500 5.000
REFERENCE VOLTAGE (V)
68
69
70
71
72
73
74
ENOB VDD = 3V
ENOB VDD = 5V
SINAD VDD = 3V
SINAD VDD = 5V
Figure 16. ENOB/SINAD vs. Reference Voltage, Mode 1, 121 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com