Electronic Components Datasheet Search
  English  ▼

X  

AD7997 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7997 Datasheet HTML 18Page - Analog Devices AD7997 Datasheet HTML 19Page - Analog Devices AD7997 Datasheet HTML 20Page - Analog Devices AD7997 Datasheet HTML 21Page - Analog Devices AD7997 Datasheet HTML 22Page - Analog Devices AD7997 Datasheet HTML 23Page - Analog Devices AD7997 Datasheet HTML 24Page - Analog Devices AD7997 Datasheet HTML 25Page - Analog Devices AD7997 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7992
Rev. 0 | Page 22 of 28
WRITING TWO BYTES OF DATA TO A LIMIT
REGISTER OR HYSTERESIS REGISTER
Each of the limit registers and hysteresis registers are 12-bit
registers, so two bytes of data are required to write a value to
any one of them. Writing two bytes of data to one of these
registers consists of the serial bus write address, the chosen
limit register address written to the address pointer register,
followed by two data bytes written to the selected data register.
See Figure 27.
If the master is write-addressing the AD7992, it can write to
more than one register with out re-addressing the ADC. After
the first write operation has completed for the first data register,
during the next byte, the master writes to the address pointer
byte to select the next data register for a write operation. This
eliminates the need to re-address the device in order to write to
another data register.
SDA
ACK. BY
AD7992
ACK. BY
AD7992
11
9
9
C4
C3
C2
P2
P1
P0
R/W
A0
A1
A2
A3
0
0
SCL
1
C1
P3
1
99
D7
D6
D5
D2
D1/0
D0/0
D4
D3
ACK. BY
AD7992
STOP BY
MASTER
LEAST SIGNIFICANT DATA BYTE
MOST SIGNIFICANT DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER
91
0
00
D10
D9
D8
0
D11
ACK. BY
AD7992
Figure 27. Two-Byte Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com