Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 242 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 242 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 238Page - Texas Instruments AM3703 Datasheet HTML 239Page - Texas Instruments AM3703 Datasheet HTML 240Page - Texas Instruments AM3703 Datasheet HTML 241Page - Texas Instruments AM3703 Datasheet HTML 242Page - Texas Instruments AM3703 Datasheet HTML 243Page - Texas Instruments AM3703 Datasheet HTML 244Page - Texas Instruments AM3703 Datasheet HTML 245Page - Texas Instruments AM3703 Datasheet HTML 246Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
6.6.7
Universal Asynchronous Receiver Transmitter (UART)
NOTE
For more information, see UART/IrDA/CIR chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
6.6.7.1
UART
Table 6-105. UART Switching Characteristics(2)
SIGNAL NAME
MUX MODE
DESCRIPTION
MIN
MAX
UNIT
Universal Asynchronous Receiver/Transmitter (UART1)
UART1 (uart1_tx): AA8
0
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
UART1 (uart1_rts): AA9
0
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
UART1 (uart1_tx): E26
2
tR, Rise time
0.6
2.4
ns
tF, Fall time
CL, Output load
2
22
pF
UART1 (uart1_rts): AH22
2
tR, Rise time
SC0, SC1 = 00(1)
1
15
ns
tF, Fall time
CL, Output load
4
60
pF
tR, Rise time
SC0, SC1 = 00(1)
0.4
5
ns
tF, Fall time
CL, Output load
2
21
pF
tR, Rise time
SC0, SC1 = 00(1)
0.6
7
ns
tF, Fall time
CL, Output load
7
33
pF
Universal Asynchronous Receiver/Transmitter (UART2)
UART2 (uart2_tx): AA25
0
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
UART2 (uart2_rts): AB25
0
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
UART2 (uart2_tx): AF5
1
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
UART2 (uart2_rts): AE6
1
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
UART2 (uart2_tx): T27
5
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
UART2 (uart2_rts): U27
5
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
Universal Asynchronous Receiver/Transmitter (UART3)
242
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com