Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 245 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 245 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 241Page - Texas Instruments AM3703 Datasheet HTML 242Page - Texas Instruments AM3703 Datasheet HTML 243Page - Texas Instruments AM3703 Datasheet HTML 244Page - Texas Instruments AM3703 Datasheet HTML 245Page - Texas Instruments AM3703 Datasheet HTML 246Page - Texas Instruments AM3703 Datasheet HTML 247Page - Texas Instruments AM3703 Datasheet HTML 248Page - Texas Instruments AM3703 Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 6-106. UART3 IrDA Signaling Rate and Pulse Duration
—Receive Mode (continued)
SIGNALING RATE
ELECTRICAL PULSE DURATION
UNIT
MIN
TYP
MAX
1.152 Mbit/s
192.04
208.33
433.83
ns
FIR
4.0 Mbit/s (Single pulse)
62.70
125.00
170.63
ns
4.0 Mbit/s (Double pulse)
208.53
250.00
291.47
ns
Table 6-107. UART3 IrDA Rise and Fall Times
—Receive Mode
PARAMETER
MIN
TYP
MAX
UNIT
tR
Rise time, input data uart3_rx_irrx
200
ns
tF
Fall time, input data uart3_rx_irrx
200
ns
6.6.7.2.2 UART3 IrDA
—Transmit Mode
Table 6-108. UART3 IrDA Signaling Rate and Pulse Duration
—Transmit Mode
SIGNALING RATE
ELECTRICAL PULSE DURATION
UNIT
MIN
TYP
MAX
SIR
2.4 Kbit/s
78.1
78.1
78.1
μs
9.6 Kbit/s
19.5
19.5
19.5
μs
19.2 Kbit/s
9.75
9.75
9.75
μs
38.4 Kbit/s
4.87
4.87
4.87
μs
57.6 Kbit/s
3.25
3.25
3.25
μs
115.2 Kbit/s
1.62
1.62
1.62
μs
MIR
0.576 Mbit/s
414
416
419
ns
1.152 Mbit/s
206
208
211
ns
FIR
4.0 Mbit/s (Single pulse)
123
125
128
ns
4.0 Mbit/s (Double pulse)
248
250
253
ns
6.6.8
Removable Media Interfaces
6.6.8.1
Multimedia Memory Card and Secure Digital IO Card (MMC)
NOTE
For more information, see MMC/SD/SDIO Card Interface chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
The MMC host controller provides an interface to high-speed and standard MMC, SD memory cards, or
SDIO cards. The application interface is responsible for managing transaction semantics. The MMC/SDIO
host controller deals with MMC/SDIO protocol at transmission level, packing data, adding CRC, start/end
bit, and checking for syntactical correctness.
There are three MMC interfaces on the device:
•
MMC1:
– 1.8-V / 3-V support
– 4-bit in Standard MMC, High-Speed MMC, Standard SD, and High-Speed SD modes
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
245
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com