Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 246 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 246 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 242Page - Texas Instruments AM3703 Datasheet HTML 243Page - Texas Instruments AM3703 Datasheet HTML 244Page - Texas Instruments AM3703 Datasheet HTML 245Page - Texas Instruments AM3703 Datasheet HTML 246Page - Texas Instruments AM3703 Datasheet HTML 247Page - Texas Instruments AM3703 Datasheet HTML 248Page - Texas Instruments AM3703 Datasheet HTML 249Page - Texas Instruments AM3703 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
•
MMC2:
– 1.8-V support
– 8-bit without external transceiver
– 4-bit with external transceiver allowing supporting 3-V peripherals. Transceiver direction control
signals are multiplexed with the upper four data bits.
•
MMC3:
– 1.8-V support
– 8-bit without external transceiver
6.6.8.1.1 MMC1 Interface
—SD Identification Modes
Table 6-110 and Table 6-111 assume testing over the recommended operating conditions and electrical
characteristic conditions below.
Table 6-109. MMC1 Interface Timing Conditions
—SD Identification Modes
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
10
ns
tF
Input signal fall time
10
ns
Output Condition
CLOAD
Output load capacitance(1)
40
pF
(1) Buffer strength configuration: LB0 = 0.
Table 6-110. MMC1 Interface Timing Requirements
—SD Identification Modes(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
MMC1 Interface (1.8-V IO)
SD3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk rising
1198.4
1198.4
ns
clock edge
SD4
th(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk rising
1249.2
1249.2
ns
clock edge
MMC1 Interface (3.0-V IO)
SD3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before mmc1_clk rising
1198.4
1198.4
ns
clock edge
SD4
th(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after mmc1_clk rising
1249.2
1249.2
ns
clock edge
(1) Corresponding figures showing timing parameters are common with other interface modes. (See SD , HS SD modes).
(2) See Section 4.3.4, Processor Clocks.
Table 6-111. MMC1 Interface Switching Characteristics
—SD Identification Modes(4) (7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
SD Identification Mode
SD1
tc(clk)
Frequency(1), output clock period
0.4
0.4
MHz
SD2
tW(clkH)
Typical pulse duration, output clock high
X(5)*PO(2)
X(5)*PO(2)
ns
SD2
tW(clkL)
Typical pulse duration, output clock low
Y(6)*PO(2)
Y(6)*PO(2)
ns
tdc(clk)
Duty cycle error, output clock
125
125
ns
tJ(clk)
Jitter standard deviation(3), output clock
200
200
ps
MMC1 Interface (1.8-V IO)
tR(clk)
Rise time, output clock
10
10
ns
tF(clk)
Fall time, output clock
10
10
ns
246
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com