Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 244 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 244 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 240Page - Texas Instruments AM3703 Datasheet HTML 241Page - Texas Instruments AM3703 Datasheet HTML 242Page - Texas Instruments AM3703 Datasheet HTML 243Page - Texas Instruments AM3703 Datasheet HTML 244Page - Texas Instruments AM3703 Datasheet HTML 245Page - Texas Instruments AM3703 Datasheet HTML 246Page - Texas Instruments AM3703 Datasheet HTML 247Page - Texas Instruments AM3703 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 280 page
background image
SWPS038-093
Pulse Duration
90%
90%
50%
50%
10%
10%
tr
tf
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 6-105. UART Switching Characteristics(2) (continued)
SIGNAL NAME
MUX MODE
DESCRIPTION
MIN
MAX
UNIT
UART3 (uart3_tx_irtx): T27
2
tR, Rise time
1.5
5.5
ns
tF, Fall time
CL, Output load
2
22
pF
Universal Asynchronous Receiver/Transmitter (UART4)
UART4 (uart4_tx): K8
2
tR, Rise time
0.6
2.4
ns
tF, Fall time
CL, Output load
2
22
pF
(1) The mode is configured by bits SC0 and SC1 of the IO cell. For more details, see the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4).
(2) Caution: Up to a rise time or a fall time of 1.2 ns, this can create EMI parasitics.
6.6.7.2
UART3 IrDA
The IrDA module can operate in three different modes:
•
Slow infrared (SIR) (
≤ 115.2 Kbits/s)
•
Medium infrared (MIR) (0.576 Mbits/s and 1.152 Mbits/s)
•
Fast infrared (FIR) (4 Mbits/s)
Figure 6-64. UART IrDA Pulse Parameters
6.6.7.2.1 UART3 IrDA
—Receive Mode
Table 6-106. UART3 IrDA Signaling Rate and Pulse Duration
—Receive Mode
SIGNALING RATE
ELECTRICAL PULSE DURATION
UNIT
MIN
TYP
MAX
SIR
2.4 Kbit/s
52.17
78.13
208.33
μs
9.6 Kbit/s
13.10
19.53
52.08
μs
19.2 Kbit/s
6.59
9.77
26.04
μs
38.4 Kbit/s
3.34
4.88
13.02
μs
57.6 Kbit/s
2.25
3.26
8.68
μs
115.2 Kbit/s
1.17
1.63
4.34
μs
MIR
0.576 Mbit/s
300.55
416.67
867.86
ns
244
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com